Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BAS516
Description  High-speed diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BAS516 Datasheet(HTML) 2 Page - Leshan Radio Company

  BAS516 Datasheet HTML 1Page - Leshan Radio Company BAS516 Datasheet HTML 2Page - Leshan Radio Company BAS516 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
S29–2/2
500
400
300
200
100
0
01
2
T S ( °C )
300
200
100
0
0
50
100
150
200
V F ( V )
0.6
0.4
0.2
0
0
100
200
T J ( °C )
04
8
12
16
Fig.1 Maximum permissible continuous forward current as a
function of soldering point temperature.
Fig.2 Forward current as a function of
forward voltage.
(1) T j = 150 °C; typical values.
(2)T j =25°C; typical values.
(3) T j =25°C; maximum values.
Fig.3 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents;
T
j =25°C prior to surge.
t P ( µs )
10 2
10
1
10 -1
010
102
103
104
10 5
10 4
10 3
10 2
10
V R( V )
f = 1 MHz ; T j =25°C;
Fig.4 Reverse current as a function of junction
temperature.
Fig.5 Diode capacitance as a function of
reverse voltage; typical values.
BAS516



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com