Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC807 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BC807
Description  General Purpose Transistors(PNP Silicon)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC807 Datasheet(HTML) 2 Page - Leshan Radio Company

  BC807 Datasheet HTML 1Page - Leshan Radio Company BC807 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
M1–2/2
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
h FE
—
(IC= –100 mA, VCE = –1.0 V)
BC807–16
100
—
250
BC807–25
160
—
400
BC807–40
250
—
600
(IC = –500 mA, VCE = –1.0 V)
40
—
—
Collector–Emitter Saturation Voltage
V CE(sat)
—
—
–0.7
V
(IC = –500 mA, IB = –50 mA)
Base–Emitter On Voltage
V BE(on)
—
—
–1.2
V
(IC = –500 mA, IB= –1.0 V)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
—
—
MHz
(IC = –10 mA, VCE = –5.0 Vdc, f = 100 MHz)
Output Capacitance
C obo
—10
—
pF
(VCB = –10 V, f = 1.0 MHz)
BC807-16LT1
BC807-25LT1
BC807-40LT1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com