Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC807 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BC807
Description  General Purpose Transistors(PNP Silicon)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC807 Datasheet(HTML) 1 Page - Leshan Radio Company

  BC807 Datasheet HTML 1Page - Leshan Radio Company BC807 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
M1–1/2
1
3
2
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
–45
V
Collector–Base Voltage
V CBO
–50
V
Emitter–Base Voltage
V EBO
–5.0
V
Collector Current — Continuous
I C
–500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
Alumina Substrate, (2) TA = 25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
BC807–16LT1 = 5A; BC807–25LT1 = 5B; BC807–40LT1 = 5C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mA)
V (BR)CEO
–45
—
—
V
Collector–Emitter Breakdown Voltage
(VEB = 0, I C = –10
µA)
V (BR)CES
–50
—
—
V
Emitter–Base Breakdown Voltage
(IE = –1.0
µA)
V (BR)EBO
–5.0
—
—
V
Collector Cutoff Current
I CBO
(VCB = –20 V)
—
—
–100
nA
(VCB = –20 V, T J = 150°C)
—
—
–5.0
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
BC807-16LT1
BC807-25LT1
BC807-40LT1
1
EMITTER
3
COLLECTOR
2
BASE
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)


Similar Part No. - BC807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 08
logo
Transys Electronics
BC807 TRSYS-BC807 Datasheet
303Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
logo
Zetex Semiconductors
BC807 ZETEX-BC807 Datasheet
36Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
More results

Similar Description - BC807

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1774QT1G LRC-L2SA1774QT1G_11 Datasheet
241Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
General Purpose Transistors PNP Silicon
LBC807-16WT1G LRC-LBC807-16WT1G Datasheet
69Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC807-25-TP MCC-BC807-25-TP Datasheet
286Kb / 3P
PNP Silicon General Purpose Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com