Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF620S Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STF620S
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF620S Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STF620S Datasheet HTML 1Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 2Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 3Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 4Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 5Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 6Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
F igure 1. Output C haracteris tics
F igure 2. Trans fer C haracteris tics
V G S , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
ID, Drain C urrent (A)
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
T j( C )
T j, J unction T empera ture ( C )
F igure 6. B rea kdown V olta ge V a ria tion
with T empera ture
T j, J unction T empera ture ( C )
T j, J unction T empera ture ( C )
F igure 5. G a te T hres hold V a ria tion
with T empera ture
STF620S
Ver 1.0
www.samhop.com.tw
Nov,18,2009
3
15
12
9
6
3
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =3.5V
VGS =4V
VGS =4.5V
VGS =10V
15
12
9
6
3
0
0
0.9
5.4
4.5
3.6
2.7
1.8
25 C
-55 C
T j=125 C
150
125
100
75
50
25
1
1
3
6
9
12
15
V GS =10V
V GS =4.5V
3.0
2.6
2.2
1.8
1.4
1.0
0
0
100
75
25
50
125
150
V G S =10V
ID=6A
V G S =4.5V
ID=5A
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
V DS =V GS
ID=250uA
1.30
1.20
1.10
1.00
0.90
0.80
0.70
125 150
100
75
50
25
0
-25
-50
ID=250uA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com