Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF620S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STF620S
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF620S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STF620S Datasheet HTML 1Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 2Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 3Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 4Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 5Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 6Page - SamHop Microelectronics Corp. STF620S Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
V G S , G ate- S ource Voltage (V )
F igure 7. On-R es is tance vs .
G ate-S ource V oltage
F igure 12. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
F igure 11.s witching characteris tics
R g, G ate R es is tance (
W)
STF620S
Ver 1.0
www.samhop.com.tw
Nov,18,2009
4
C is s
C os s
C rs s
1200
1000
800
600
400
200
0
10
15
20
25
30
0
5
180
150
120
90
60
30
0
2
4
6
8
10
0
ID= 6A
25 C
75 C
125 C
20.0
10.0
1.0
0
0.3
0.6
0.9
1.2
1.5
5.0
25 C
75 C
125 C
10
8
6
4
2
0
0
3
6
9
12
15
18
21
24
V DS=30V
ID= 6A
1
10
100
1
10
100
300
VDS=30V,ID=1A
VGS=10V
Tr
TD( of f )
Tf
TD( on)
0.1
1
10
60
10
1
0.1
0.03
80
VGS=10V
Single Pulse
TA=25 C
R
DS
(O
N)
Lim
it
DC
10m
s
1m
s
100
us



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com