Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207P Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FR207P
Description  2A FAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR207P Datasheet(HTML) 1 Page - Leshan Radio Company

  FR207P Datasheet HTML 1Page - Leshan Radio Company FR207P Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
18A–1/2
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
Maximum
Reverse
Recovery Time
Trr
I F = 0.5A, I R = 1.0A, I RR = 0.25A
Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
Trr
ns
FR201 – FR207P
DO - 15
2A
2A FAST RECOVERY DIODES
FR201
FR202
FR203
FR204
FR205
FR206
FR207
FR207P
50
100
200
400
600
800
1000
1000
2.0
70
2.0
75
5.0
1.3
150
150
150
150
250
500
500
250
.140(3.6)
DIA
.104(2.6)
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
.034(0.9)
DIA
.028(0.7)
1.0(25.4)
MIN
DO – 15


Similar Part No. - FR207P

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR207P RECTRON-FR207P Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
PACELEADER INDUSTRIAL
FR207P PACELEADER-FR207P Datasheet
495Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
FR207P-B RECTRON-FR207P-B Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FR207P-T RECTRON-FR207P-T Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Chenmko Enterprise Co. ...
FR207PT CHENMKO-FR207PT Datasheet
93Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - FR207P

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
Sirectifier Global Corp...
HER201G SIRECT-HER201G Datasheet
121Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
BY296 FRONTIER-BY296 Datasheet
125Kb / 2P
2A FAST RECOVERY PLASTIC RECTIFIER
HER201 FRONTIER-HER201 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
HER201-LFR FRONTIER-HER201-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
SF20-005-LFR FRONTIER-SF20-005-LFR Datasheet
128Kb / 2P
2A SUPER FAST RECOVERY RECTIFIER
HER201G FRONTIER-HER201G Datasheet
982Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
logo
Shindengen Electric Mfg...
D2FL40U SHINDENGEN-D2FL40U Datasheet
1Mb / 7P
Fast Recovery Diodes 400V, 2A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com