Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1941 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 2 Page - Linear Technology

  LT1941_15 Datasheet HTML 1Page - Linear Technology LT1941_15 Datasheet HTML 2Page - Linear Technology LT1941_15 Datasheet HTML 3Page - Linear Technology LT1941_15 Datasheet HTML 4Page - Linear Technology LT1941_15 Datasheet HTML 5Page - Linear Technology LT1941_15 Datasheet HTML 6Page - Linear Technology LT1941_15 Datasheet HTML 7Page - Linear Technology LT1941_15 Datasheet HTML 8Page - Linear Technology LT1941_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1941
2
1941fb
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN, VBIAS1, VBIAS2 = 5V, VBOOST1, VBOOST2 = 8V, unless otherwise noted. (Note 2)
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Pin ........................................................(–0.3V), 25V
BOOST Pin Voltage ...................................................35V
BOOST Above SW Pin...............................................25V
BIAS1, BIAS2 Pins ....................................................25V
PGOOD, 5GOOD, 12GOOD Pins.................................25V
RUN/SS, VC, FB, NFB Pins ..........................................3V
SW1, SW2 Voltage.....................................................VIN
SW3 Voltage .............................................................40V
Maximum Junction Temperature (Note 6) ............ 125°C
Operating Ambient Temperature Range
(Note 2)....................................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VIN
VIN
SW1
SW1
BOOST1
PGOOD1
VC1
FB1
PGOOD2
VC2
FB2
RUN/SS1
RUN/SS2
RUN/SS3
BIAS2
SW3
PGND
VIN
BOOST2
SW2
VIN
PGOOD3
FB3
NFB
VC3
5GOOD
12GOOD
BIAS1
29
TJMAX = 125°C, θJA = 25°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1941EFE#PBF
LT1941EFE#TRPBF
LT1941EFE
28-LEAD PLASTIC TSSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1941EFE
LT1941EFE#TR
LT1941EFE
28-LEAD PLASTIC TSSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
l
3.3
3.5
V
VIN Quiescent Current
Not Switching
2
3.5
mA
BIAS1 Quiescent Current
Not Switching
5
7.5
mA
BIAS2 Quiescent Current
Not Switching
1.6
2.2
mA
Shutdown Current
VRUNSS1,2,3 = 0V
50
75
μA
Reference Voltage Line Regulation
5V < VIN < 25V
0.01
%/V
VC Source Current
VC = 0.6V
100
μA
VC Sink Current
VC = 0.6V
100
μA
VC Clamp Voltage
1.7
V
Switching Frequency
l
0.9
1.1
1.35
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com