Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1941 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1941_15 Datasheet HTML 16Page - Linear Technology LT1941_15 Datasheet HTML 17Page - Linear Technology LT1941_15 Datasheet HTML 18Page - Linear Technology LT1941_15 Datasheet HTML 19Page - Linear Technology LT1941_15 Datasheet HTML 20Page - Linear Technology LT1941_15 Datasheet HTML 21Page - Linear Technology LT1941_15 Datasheet HTML 22Page - Linear Technology LT1941_15 Datasheet HTML 23Page - Linear Technology LT1941_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT1941
21
1941fb
APPLICATIONS INFORMATION
SLIC Power Supply
–21.6V, –65V, 3.3V and 1.8V with Soft-Start
VIN
LT1941
GND
PGND
C2
0.22μF
C4
22μF
C13 1000pF
C15
1.5nF
C14
1.5nF
C12 3300pF
R5
10.2k
R15
1Ω
R13
178k
R11
2.49k
R10
10k
VIN
5V
5GOOD
12GOOD
VOUT1
1.8V
2.4A
VOUT3
–21.6V
72mA
VOUT4
–65V
30mA
L2 3.3μH
L1 3μH
L3
2.7μH
R12
10.7k
R7
13.7k
R6
7.32k
R4
3.3k
R14
15k
1941 TA01
R2
130k
R1
100k
R3
100k
R8
100k
R9
100k
D2
D4
PGOOD1
PGOOD2
PGOOD3
VOUT2
3.3V
1.4A
C1
0.22μF
D1
C3
33μF
D3
C5
1μF
35V
C6
10μF
C7
4.7μF
25V
C8
1μF
35V
C10
1μF
35V
C16 4700pF
PGOOD1
PGOOD2
PGOOD3
BOOST2
FB2
VC2
FB1
VC1
RUNSS2
BIAS1
BIAS2
VC3
RUNSS3
RUNSS1
SW3
NFB
FB3
5GOOD
12GOOD
BOOST1
C17
1.5nF
NOTE: TOTAL OUTPUT POWER OF VOUT3 AND VOUT4 NOT TO EXCEED 1.9W
C1 TO C11: X5R OR X7R
D1, D2: CMDSH-3
D3: B220A
D4: MBRM120L
D5 TO D7: BAV99 OR EQUIVALENT
SW2
SW1
D5
VOUT2
VOUT1
C9
4.7μF
25V
D6
C11
4.7μF
25V
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com