Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF8236 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STF8236
Description  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF8236 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STF8236 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STF8236
Ver 1.0
www.samhop.com.tw
Oct,24,2014
5
0
-50
10
40
30
20
150
100
50
0
Tch - Channel Temperature - °C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
50
1
0.1
10
100
10
1
ID - Drain Current - A
SWITCHING CHARACTERISTICS
VDD =16V
VGS = 4.5V
RG =6 Ω
tr
td(off)
td(on)
tf
QG - Gate Charge -nC
DYNAMIC INPUT CHARACTERISTICS
0
0
4
3
2
8
6
4
2
1
VDD =4V
16 V
ID =6A
10
10 V
0.01
0.1
100
10
1
0.9
0.6
0.3
0
VF(S-D) - Source to Drain Voltage - V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1.8
1.5
1.2
VGS =0V
VGS =2.5V,ID = 1.5A
VGS =3.1V,ID = 3.0A
VGS =3.7V,ID = 3.0A
VGS =4.0V,ID = 3.0A
VGS =4.5 V,ID = 3.0A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com