Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF8236 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STF8236
Description  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF8236 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STF8236 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
IGSS
±1
uA
VGS(th)
0.5
V
m ohm
VGS=4.5V , ID=3.0A
RDS(ON)
Drain-Source On-State Resistance
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=1.0mA
VDS=16V , VGS=0V
VGS=±8V ,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=250uA
ON CHARACTERISTICS
STF8236
Ver 1.0
0.7
1.5
gFS
20
S
Qg
11
nC
19
nC
Qgs
36
nC
Qgd
21
tD(ON)
6.3
ns
tr
0.83
ns
tD(OFF)
3.4
ns
tf
ns
Gate-Drain Charge
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=16V
ID=3A
VGS=4.5V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
VDS=5V , ID=3A
Forward Transconductance
VGS=4.0V , ID=3.0A
m ohm
b
VDS=16V,ID=6A,
VGS=4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VSD
Diode Forward Voltage
VGS=0V,IS=6A
0.86
1.2
V
www.samhop.com.tw
Oct,24,2014
2
17.5
22.0
18.0
22.5
VGS=3.7V , ID=3.0A
m ohm
VGS=2.5V , ID=1.5A
m ohm
22.0
29.0
14.0
14.5
17.5
VGS=3.1V , ID=3.0A
m ohm
19.5
25.0
15.5
18.5
23.0
15.0
Notes
a.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
b.Guaranteed by design, not subject to production testing.
c.Drain current limited by maximum junction temperature.
d.Mounted on FR4 Board of 1 inch2 ,2oz.
_
_



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com