Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4470 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM4470
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4470 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM4470 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
40
N-Channel Enhancement Mode Field Effect Transistor
Surface Mount Package.
ABSOLUTE MAXIMUM RATINGS (TA=25 C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
V
Gate-Source Voltage
VGS
20
V
Drain Current-Continuous @TJ=25 C
-Pulsed
ID
10
39
1.7
2.5
A
A
A
W
IDM
Drain-Source Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and Storage
Temperature Range
TJ, TSTG
-55 to 150
C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Ambient
R JA
50
/W
C
STM4470
a
a
a
b
SamHop Microelectronics Corp.
1
PRODUCT SUMMARY
VDSS
ID
RDS(ON) ( m
Ω ) Max
40V
10A
10 @ VGS = 10V
13 @ VGS = 4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
SO-8
1
Oct. 16. 2006 Ver1.1
a
d
d
Green
Product


Similar Part No. - STM4470

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STM4470 VBSEMI-STM4470 Datasheet
1Mb / 8P
N-Channel 100-V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
S uper high dense cell design for low R DS (ON).
logo
VBsemi Electronics Co.,...
STM4470A VBSEMI-STM4470A Datasheet
1Mb / 8P
N-Channel 100-V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4470E SAMHOP-STM4470E Datasheet
120Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STM4470E VBSEMI-STM4470E Datasheet
1Mb / 8P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STM4470

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com