Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4470 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STM4470
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4470 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STM4470 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4470 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STM4470
ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID 250uA
=
40
V
Zero Gate Voltage Drain Current
IDSS
VDS 32V, VGS 0V
=
1
uA
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
nA
ON CHARACTERISTICS
b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID= 250uA
=
1
3
V
Drain-Source On-State Resistance
RDS(ON)
VGS 10V, ID 10A
10
VGS 4.5V, ID 6A
13
On-State Drain Current
ID(ON)
VDS= 10V, VGS= 10V
20
20
A
S
Forward Transconductance
FS
g
VDS 10V, ID 10A
DYNAMIC CHARACTERISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
Reverse Transfer Capacitance
VDS=20V, VGS= 0V
f =1.0MHZ
1020
P
F
240
P
F
P
F
135
SWITCHING CHARACTERISTICS
c
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
tD(ON)
t
tD(OFF)
t
VDD = 20V
ID = 1A
VGS = 10V
RGEN= 3.3
15
ns
ns
ns
ns
22
12
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =20V, ID = 10A
VGS =10V
19.5
nC
nC
nC
C
Fall Time
=
=
=
=
2
5
8
11
48
2
5.5
1.7
m ohm
m ohm
ohm
nC
VDS =20V, ID = 10A,VGS =10V
VDS =20V, ID = 10A,VGS =4.5V
9.8
100
=
=
d
=
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com