Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD101 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMBD101
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBD101 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMBD101 Datasheet HTML 1Page - Leshan Radio Company MMBD101 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
G15–2/2
TYPICAL CHARACTERISTICS
(T A = 25°C unless noted)
MMBD101LT1
T A, AMBIENT TEMPERATURE (°C)
Figure 1. Reverse Leakage
V F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
P LO , LOCAL OSCILLATOR POWER (mW)
Figure 4. Noise Figure
Figure 5. Noise Figure Test Circuit
UHF
NOISE SOURCE
H.P. 349A
NOTES ON TESTING AND SPECIFICATIONS
Note 1 — C C and C T are measured using a capacitance bridge
(Boonton Electronics Model 75A or equivalent).
Note 2 — Noise figure measured with diode under test in tuned
diode mount using UHF noise source and local
oscillator (LO) frequency of 1.0 GHz. The LO power
is adjusted for 1.0 mW. IF amplifier NF = 1.5 dB,
f = 30 MHz, see Figure 5.
Note 3 — L S is measured on a package having a short instead
of a die, using an impedance bridge (Boonton Radio
Model 250A RX Meter).
V R= 3.0Vdc
1.0
0.7
0.5
0.2
0.1
0.07
0.05
0.02
0.01
30
40
50
60
70
80
90
100
110
120
130
100
10
10
0.1
0.3
0.4
0.5
0.6
0.7
1.0
0.9
0.8
0.7
0.6
0
1.0
2.0
3.0
4.0
11
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.1
0.2
0.5
1.0
2.0
5.0
10
T A = 25°C
T A = –40°C
T A = 85°C
LOCAL OSCILLATOR FREQUENCY = 1.0 GHz
(TEST CIRCUIT IN FIGURE 5)
DIODE IN
TUNED
MOUNT
LOCAL
OSCILLATOR
IF AMPLIFIER
NF = 1.5 dB
f = 30 MHz
NOISE
FIGURE METER
H.P. 342A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com