Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD101 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBD101
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBD101 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBD101 Datasheet HTML 1Page - Leshan Radio Company MMBD101 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
G15–1/2
MAXIMUM RATINGS
MBD101
MMBD101LT1
Rating
symbol
value
unit
Reverse Voltage
vR
7.0
Volts
Forward Power Dissipation
pF
@TA=25 °C
280
225
mW
Derate above 25 °C
2.2
1.8
mW/ °C
Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
–55 to +150
°C
DEVICE MARKING
MMBD101LT1=4M
ELECTRICAL CHARACTERISTICS(TA=25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
7.0
10
—
Volts
(IR= 10
µAdc)
Diode Capacitance
CT
—
0.88
1.0
pF
(VR= 0,f =1.0MHz,Note1)
Forward Voltage(1)
V F
—
0.5
0.6
Volts
(I F= 10mAdc)
Reverse Leakage
IR
—
0.02
0.25
µAdc
(VR= 3.0Vdc)
NOTE: MMBD101LT1 is also available in bulk packaging.Use MMBD101L as the device title to order this device in bulk.
1
3
2
CASE 318–08, STYLE 6
SOT– 23 (TO–236AB)
MMBD101LT1
Schottky Barrier Diodes
SILICONSCHOTTKY
BARRIERDIODES
3
CATHODE
1
ANODE
Designed primarily for UHF mixer applications but suitable also for use
in detector and ultra-fast switching circuits.Supplied in an inexpensive
plastic package for low-cost,high-volume consumer requirements.Also
available in Surface Mount package.
•
Low Noise Figure—6.0dB Typ@1.0GHz
•
Very Low Capacitance—Less Than 1.0pF@zero Volts
•
High Forward Conductance—0.5volts(typ)@I
F=10mA


Similar Part No. - MMBD101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD101 ONSEMI-MMBD101 Datasheet
82Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
1997
logo
Pan Jit International I...
MMBD101 PANJIT-MMBD101 Datasheet
85Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101 PANJIT-MMBD101 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
DAESAN ELECTRONIC CORP.
MMBD101 DAESAN-MMBD101 Datasheet
277Kb / 2P
Surface Mount Schottky Barrier Diode
logo
Guangdong Kexin Industr...
MMBD101 KEXIN-MMBD101 Datasheet
37Kb / 1P
Schottky Barrier Diodes
More results

Similar Description - MMBD101

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
BAT43XV2 FAIRCHILD-BAT43XV2 Datasheet
136Kb / 5P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com