Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP652F Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STP652F
Description  Super high dense cell design for extremely low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STP652F Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STP652F Datasheet HTML 1Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 2Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 3Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 4Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 5Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 6Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
60
V
1
IGSS
±100
nA
VGS(th)
1.7
V
22
gFS
33
S
VSD
CISS
1800
pF
COSS
133
pF
CRSS
102
pF
Qg
35.5
nC
30
nC
Qgs
61
nC
Qgd
12.5
tD(ON)
28
ns
tr
3.5
ns
tD(OFF)
7
ns
tf
ns
Gate-Drain Charge
VDS=30V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=30V
ID=1A
VGS=10V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off DelayTime
VDS=30V,ID=14.5A,VGS=10V
Fall Time
Turn-On DelayTime
m ohm
VGS=10V , ID=14.5A
VDS=10V , ID=14.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=250uA
VDS=48V , VGS=0V
VGS=±20V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body leakage current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
VGS=4.5V , ID=11A
28
29
39
m ohm
C
f=1.0MHz
C
VDS=30V,ID=14.5A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=5A
0.79
1.3
V
Notes
STP652F
Ver 1.1
www.samhop.com.tw
Oct,27,2010
2
2.2
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 30V.(See Figure13)
_
_
_
VDS=30V,ID=14.5A,VGS=4.5V
14
nC
nC
ns
trr
Reverse Recovery Time
VGS=0V,IS=50A,
dIF / dt = 100A/us
49
Qrr
Reverse Recovery Charge
54



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com