Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP652F Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STP652F
Description  Super high dense cell design for extremely low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STP652F Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STP652F Datasheet HTML 1Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 2Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 3Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 4Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 5Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 6Page - SamHop Microelectronics Corp. STP652F Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S mHop Microelectronics C orp.
a
Symbol
VDS
VGS
IDM
EAS
3.25
62.5
W
A
PD
°C
46
-55 to 175
ID
Units
Parameter
60
29
90
°C/W
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
°C/W
110
mJ
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Typ
60V
29A
22 @ VGS=10V
FEATURES
Super high dense cell design for extremely low RDS(ON).
High power and current handling capability.
TO-220F package.
S
G
D
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
TC=25°C
-Pulsed
b
A
Avalanche Energy
d
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
Ver 1.1
www.samhop.com.tw
Oct,27,2010
1
Details are subject to change without notice.
A
24
TC=70°C
TC=70°C
32
W
STP652F
Gre
rr
P
Pr
P
P o
rr
GDS
STF SERIES
TO-220F


Similar Part No. - STP652F

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STP6506 STANSON-STP6506 Datasheet
844Kb / 6P
Dual P Channel Enhancement Mode MOSFET
logo
SamHop Microelectronics...
STP656F SAMHOP-STP656F Datasheet
128Kb / 7P
Super high dense cell design for low RDS(ON).
logo
SHENZHEN DOINGTER SEMIC...
STP656F DOINGTER-STP656F Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STP65N045M9 STMICROELECTRONICS-STP65N045M9 Datasheet
228Kb / 12P
N-channel 650 V, 39 mΩ typ., 55 A MDmesh M9 Power MOSFET in a TO-220 package
25-May-2022
STP65N150M9 STMICROELECTRONICS-STP65N150M9 Datasheet
225Kb / 12P
N-channel 650 V, 128 m typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
19-Jul-2022
More results

Similar Description - STP652F

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STBP60L60 SAMHOP-STBP60L60 Datasheet
261Kb / 8P
Super high dense cell design for extremely low RDS(ON).
STBP70L60 SAMHOP-STBP70L60 Datasheet
181Kb / 8P
Super high dense cell design for extremely low RDS(ON).
STBP80L60 SAMHOP-STBP80L60 Datasheet
181Kb / 8P
Super high dense cell design for extremely low RDS(ON).
STBP432S SAMHOP-STBP432S Datasheet
243Kb / 8P
Super high dense cell design for extremely low RDS(ON).
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
Super high dense cell design for extremely low RDS(ON).
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
Super high dense cell design for extremely low RDS(ON)
STBP440S SAMHOP-STBP440S Datasheet
264Kb / 8P
Super high dense cell design for extremely low RDS(ON).
STBP454 SAMHOP-STBP454 Datasheet
182Kb / 8P
Super high dense cell design for extremely low RDS(ON).
STBP4410 SAMHOP-STBP4410 Datasheet
195Kb / 10P
Super high dense cell design for extremely low RDS(ON).
logo
First Components Intern...
FMT2305 FCI-FMT2305 Datasheet
400Kb / 4P
Super High Dense Cell Design for Extremely Low RDS(ON)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com