Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBV105GL Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMBV105GL
Description  Silicon Tuning Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBV105GL Datasheet(HTML) 2 Page - Leshan Radio Company

  MMBV105GL Datasheet HTML 1Page - Leshan Radio Company MMBV105GL Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV105GLT–2/2
MMBV105GLT1
1000
100
10
10
100
1000
20
18
16
14
12
10
8.0
6.0
4.0
2.0
0
0.3
0.5
1.0
2.0
3.0
5.0
10
20 30
f , FREQUENCY ( MHz )
Figure 2. Figure of Merit
V R , REVERSE VOLTAGE (VOLTS)
Figure 1. Diode Capacitance
f = 1.0MHz
TA = 25°C
V R =3Vdc
TA = 25°C
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
–75
–50
–25
0
+25
+50
+75
+100
+125
T A, AMBIENT TEMPERATURE (°C)
Figure 3. Diode Capacitance
TYPICAL CHARACTERISTICS
V R= 3.0Vdc
f = 1.0MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com