Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBV105GL Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBV105GL
Description  Silicon Tuning Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBV105GL Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBV105GL Datasheet HTML 1Page - Leshan Radio Company MMBV105GL Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV105GLT–1/2
1
3
2
CASE
318–08, STYLE 8
SOT– 23 (TO–236AB)
MMBV105GLT1
This device is designed in the surface Mount package for
general frequency control and tuning applications.It provides
solid-state reliability in replacement of mechanical
tuning methods.
•
Controlled and Uniform Tuning Ration
Silicon Tuning Diode
3
CATHODE
1
ANODE
MAXIMUM RATINGS(EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
30
Vdc
Forward Current
I F
200
mAdc
Device Dissipation @T A = 25°C
P D
225
mW
Derate above 25°C
1.8
mW/°C
Junction Temperature
T J
+125
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MMBV105GLT1=M4E
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
V (BR)R
30
—
Vdc
( I R=10
µAdc)
Reverse Voltage Leakage Current
I R
—
50
nAdc
( VR =28Vdc)
Min
Max
Typ
Min
Max
MMBV105GLT1
1.5
2.8
250
4.0
6.5
Device Type
C
T
V
R=25Vdc,f =1.0MHz
pF
Q
V
R=3.0Vdc
f=50MHz
C
R
C
3 /C 25
f=1.0MHz


Similar Part No. - MMBV105GL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBV105GLT1 ONSEMI-MMBV105GLT1 Datasheet
37Kb / 4P
Silicon Tuning Diode
March, 2001 ??Rev. 2
logo
List of Unclassifed Man...
MMBV105GLT1 ETC1-MMBV105GLT1 Datasheet
95Kb / 2P
Silicon Tuning Diode
logo
E-Tech Electronics LTD
MMBV105GLT1 ETL-MMBV105GLT1 Datasheet
95Kb / 2P
Silicon Tuning Diode
logo
ON Semiconductor
MMBV105GLT1 ONSEMI-MMBV105GLT1 Datasheet
46Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV105GLT1G ONSEMI-MMBV105GLT1G Datasheet
46Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
More results

Similar Description - MMBV105GL

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
Silicon Tuning Diode
2007-04-20
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
Silicon Tuning Diode
2007-04-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com