Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPZDA11V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZDA11V
Description  SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZDA11V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZDA11V Datasheet HTML 1Page - Central Semiconductor Corp CMPZDA11V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPZDA2V4 THRU CMPZDA47V
SURFACE MOUNT
DUAL, COMMON ANODE
SILICON ZENER DIODES
2.4 VOLTS THRU 47 VOLTS
350mW
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPZDA2V4
series dual silicon Zener diode is a high quality voltage
regulator, connected in a common anode configuration,
for use in industrial, commercial, entertainment and
computer applications.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
CMPZDA2V4
2.2
2.6
5.0
100
600
1.0
50
1.0
63
-0.06
WW3
CMPZDA2V7
2.5
2.9
5.0
100
600
1.0
20
1.0
57
-0.06
WW4
CMPZDA3V0
2.8
3.2
5.0
95
600
1.0
10
1.0
54
-0.06
WW5
CMPZDA3V3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
47
-0.06
WW6
CMPZDA3V6
3.4
3.8
5.0
95
600
1.0
2.0
1.0
45
-0.06
WW7
CMPZDA3V9
3.7
4.1
5.0
90
600
1.0
2.0
1.0
43
-0.06
WW8
CMPZDA4V3
4.0
4.6
5.0
90
600
1.0
1.0
1.0
40
-0.05
WW9
CMPZDA4V7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
38
-0.03
ZZ1
CMPZDA5V1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
35
0.02
ZZ2
CMPZDA5V6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
32
0.03
ZZ3
CMPZDA6V2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
28
0.04
ZZ4
CMPZDA6V8
6.4
7.2
5.0
15
80
1.0
2.0
4.0
25
0.05
ZZ5
CMPZDA7V5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
23
0.05
ZZ6
CMPZDA8V2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
21
0.06
ZZ7
CMPZDA9V1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
18
0.06
ZZ8
CMPZDA10V
9.4
10.6
5.0
20
150
1.0
0.2
7.0
16
0.07
ZZ9
CMPZDA11V
10.4
11.6
5.0
20
150
1.0
0.1
8.0
15
0.07
YY1
CMPZDA12V
11.4
12.7
5.0
25
150
1.0
0.1
8.0
13
0.07
YY2
CMPZDA13V
12.4
14.1
5.0
30
170
1.0
0.1
8.0
12
0.08
YY3
CMPZDA15V
13.8
15.6
5.0
30
200
1.0
0.05
10.5
11
0.08
YY4
CMPZDA16V
15.3
17.1
5.0
40
200
1.0
0.05
11.2
10
0.08
YY5
CMPZDA18V
16.8
19.1
5.0
45
225
1.0
0.05
12.6
9.2
0.08
YY6
CMPZDA20V
18.8
21.2
5.0
55
225
1.0
0.05
14.0
8.3
0.08
YY7
CMPZDA22V
20.8
23.3
5.0
55
250
1.0
0.05
15.4
7.6
0.09
YY8
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJA
429
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
SOT-23 CASE
R9 (10-August 2012)
www.centr a lsemi.com


Similar Part No. - CMPZDA11V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZDA11V CENTRAL-CMPZDA11V Datasheet
103Kb / 2P
DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW, 5% TOLERANCE
CMPZDA11V CENTRAL-CMPZDA11V Datasheet
121Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
CMPZDA11V CENTRAL-CMPZDA11V Datasheet
401Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
More results

Similar Description - CMPZDA11V

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
Diotec Semiconductor
BAW56 DIOTEC-BAW56 Datasheet
188Kb / 2P
Surface Mount Silicon Planar Dual Small-Signal Diodes (common anode)
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
logo
Leshan Radio Company
M1MA151WALT1 LRC-M1MA151WALT1 Datasheet
111Kb / 3P
Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Central Semiconductor C...
CMPZDA2V4 CENTRAL-CMPZDA2V4_10 Datasheet
401Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4_10 Datasheet
479Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 275mW, 2.4 THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4_15 Datasheet
446Kb / 3P
SURFACE MOUNT SILICON DUAL, COMMON ANODE ZENER DIODES
logo
RFE international
AZ23C2V7 RFE-AZ23C2V7 Datasheet
1Mb / 4P
Zener Diodes (Dual, Common Anode)
DEC-5-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com