Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD30N01 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STUD30N01
Description  Super high dense cell design for low RDS(ON).
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD30N01 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button STUD30N01 Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 9Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 10Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ver 1.0
www.samhop.com.tw
Aug,26,2014
6
TO-252
L3
b2
b
L2
L
A1
L1
A
MAX
MIN
c
c2
D
D1
e
H
E1
MILLIMETERS
SYMBOLS
E
b3
E
b3
H
L3
D
L4
b2
b
e
1
2
3
A
c2
c
E1
D1
L1
A1
L2
DETAIL "A"
DETAIL "A"
2.200
2.380
0.000
0.127
0.635
0.889
0.762
1.143
5.200
5.460
0.450
0.600
0.450
0.580
6.000
6.223
5.210
2.286 BSC
6.400
6.731
4.318
9.400
10.400
L4
1.400
1.770
2.743 REF
L
0.508 BSC
0.890
1.270
0.640
1.010
0°
10°
4.900
5.380
STU30N01
STD30N01



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com