Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD30N01 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STUD30N01
Description  Super high dense cell design for low RDS(ON).
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD30N01 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD30N01 Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.samhop.com.tw
Aug,26,2014
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
110
100
1
10
100
300
VDS=50V,ID=1A
VGS=10V
TD(on)
Tr
TD(off )
Tf
120
100
80
60
40
20
0
10
0
125 C
75 C
25 C
ID=15A
10
1
20
Ciss
Coss
Crss
1800
1500
1200
900
600
300
0
10
15
20
25
30
0
5
0.1
1
10
100
100
10
1
0.3
VGS=10V
Single Pulse
TA=25 C
1m
s
100u
s
10
8
6
4
2
0
024
6
810
12
14
16
VDS=50V
ID=15A
8
6
4
2
0
1.25
1.00
0.75
0.50
0.25
25 C
75 C
125 C
Ver 1.0
STU30N01
STD30N01



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com