Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98404 Datasheet(PDF) 8 Page - NEC

Part # UPD98404
Description  ADVANCED ATM SONET FRAMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98404 Datasheet(HTML) 8 Page - NEC

  UPD98404 Datasheet HTML 1Page - NEC UPD98404 Datasheet HTML 2Page - NEC UPD98404 Datasheet HTML 3Page - NEC UPD98404 Datasheet HTML 4Page - NEC UPD98404 Datasheet HTML 5Page - NEC UPD98404 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
Data Sheet S11822EJ4V0DS00
8
µµµµPD98404
PIN NAMES
ACK_B
: Read/write Cycle Receive Acknowledge
AIN1
: External Filter Connection
CS
: Chip Select
DS_B
: Data Strobe
EMPTY_B
: Output Buffer Empty
FULL_B
: Buffer Full
GND
: Ground
GND-RPE
: Ground for Receive PECL Buffer
GND-CR
: Ground for Clock Recovery Circuit
GND-CS
: Ground for Clock Synthesis
GND-SP
: Ground for Serial/Parallel Circuit
GND-TPE
: Ground for Transmit PECL Buffer
JCK
: JTAG Clock
JDI
: JTAG Data Input
JDO
: JTAG Data Output
JMS
: JTAG Mode Select
JRST_B
: JTAG Reset
MADD0-MADD6 : Management Interface Address Bus
MD0-MD7
: Management Interface Data Bus
MSEL
: Management Interface Mode Select
PHINT_B
: Physical Interrupt
PHYALM0-
: PHY Alarm Detection
PHYALM2
PMDALM
: PMD Device Alarm
PSEL0, PSEL1 : PMD Mode Select
RADD0-RADD4 : Receive PHY Device Address
RCIC
: Receive Clock Input Complement
RCIT
: Receive Clock Input True
RCL
: Internal Receive System Clock
RCLAV
: Receive Cell Available
RCLK
: Receive Data Transferring Clock
RD_B
: Read Select
RDIC
: Receive Data Input Complement
RDIT
: Receive Data Input True
RDO0-RDO7
: Receive Data Output
RDY_B
: Ready Signal
REFCLK
: System Clock
RENBL_B
: Receive Data Enable
RESET_B
: System Reset
RPC
: Receive Parallel Data Clock
RPD0-RPD7
: Receive Parallel Data
RSOC
: Receive Start Address of ATM Cell
RxFP
: Receive Frame Pulse
R/W_B
: Read/write Control
TADD0-TADD4 : Transmit PHY Device Address
TCL
: Internal Transmit System Clock
TCLAV
: Transmit Cell Available
TCLK
: Transmit Data Transferring Clock
TCOC
: Transmit Clock Output Complement
TCOT
: Transmit Clock Output True
TDI0-TDI7
: Transmit Data Input from the ATM Layer
TDOC
: Transmit Data Output Complement
TDOT
: Transmit Data Output True
TENBL_B
: Transmit Data Enable
TEST0-TEST2
: Test Mode Pin
TFC
: Transmit Reference Clock
TFKC
: Transmit Reference Clock Complement
TFKT
: Transmit Reference Clock True
TFSS
: Transmit Frame Set Signal
TPC
: Transmit Parallel Data Clock
TPD0-TPD7
: Transmit Parallel Data
TSOC
: Transmit Start Address of ATM Cell
TxFP
: Transmit Frame Pulse
UMPSEL
: Utopia Multi-PHY Mode Select
VDD
: Supply Voltage for Logic Circuit
VDD-RPE
: Voltage Supply for Receive PECL Buffer
VDD-CR
: Voltage Supply for Clock Recovery Circuit
VDD-CS
: Voltage Supply for Clock Synthesis
VDD-SP
: Voltage Supply for Serial/Parallel Circuit
VDD-TPE
: Voltage Supply for Transmit PECL Buffer
WR_B
: Write Select



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com