Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98404 Datasheet(PDF) 1 Page - NEC

Part # UPD98404
Description  ADVANCED ATM SONET FRAMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98404 Datasheet(HTML) 1 Page - NEC

  UPD98404 Datasheet HTML 1Page - NEC UPD98404 Datasheet HTML 2Page - NEC UPD98404 Datasheet HTML 3Page - NEC UPD98404 Datasheet HTML 4Page - NEC UPD98404 Datasheet HTML 5Page - NEC UPD98404 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD98404
ADVANCED ATM SONET FRAMER
Document No. S11822EJ4V0DS00 (4th edition)
Date Published May 2000 N CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
©
1997, 1999
DESCRIPTION
The
µPD98404 NEASCOT-P30TM is an LSI for ATM applications, which can be used in ATM adapter boards for
connecting PCs or workstations to an ATM network and can also be used in ATM hubs and ATM switches. This LSI
provides the TC sub-layer functions in the SONET/SDH-base physical layer within the ATM protocol defined by the
ATM Forum’s UNI3.1 recommendations.
This product’s main functions include transmission functions such as mapping of ATM cells sent from the ATM
layer to the payload field in a 155 Mbps SONET STS-3c/SDH STM-1 frame and transmission to PMD (Physical Media
Dependent) sub-layer in the physical layer. Its reception functions include separation of the overhead from the ATM
cells in data streams received from PMD sub-layer and transmission of the ATM cells to the ATM layer. In addition,
this LSI includes a clock recovery function that extracts a reception sync clock from bit streams in received data and
a clock synthesis function that generates a clock for transmissions.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
µµµµPD98404 User’s Manual: S11821E
FEATURES
•
On-chip clock recovery/clock synthesis functions
•
Provides TC sub-layer function for the ATM protocol’s physical layer
•
Supported frame formats include 155 Mbps SONET STS-3c/SDH STM-1
•
Conforms to ATM Forum UTOPIA interface Level 2 V1.0 (af-phy-0039.000 June 1995)
Supports three UTOPIA interfaces:
•
Single PHY octet-level handshaking
•
Single PHY cell-level handshaking
•
Multi PHY mode
•
Selectable to drop/bypass unassigned cells
•
On-chip internal loopback functions for PMD layer loopback and ATM layer loopback
•
Supports two PMD interfaces: serial and parallel
•
155.52 Mbps serial interface
•
19.44 MHz parallel interface
•
Provides registers for writing/reading overhead information
SOH (section overhead) :J0 byte, Z0 (first and second) bytes, F1 byte
LOH (line overhead)
:K1 byte, K2 byte
POH (path overhead)
:F2 byte, C2 byte, H4 byte
•
Provides pseudo error frame transmit function for various errors
•
Supports JTAG boundary scan test function (IEEE 1149.1)
•
CMOS technology
•
+3.3 V single power supply


Similar Part No. - UPD98404

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD98404 RENESAS-UPD98404 Datasheet
394Kb / 38P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD98404

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98402A NEC-UPD98402A Datasheet
178Kb / 26P
LOCAL ATM SONET FRAMER
UPD98411 NEC-UPD98411 Datasheet
717Kb / 36P
ATM QUAD SONET FRAMER
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
AX??ATM-SONET/SDH Transceiver
November 29, 1999
logo
Exar Corporation
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
DS3 ATM UNI/CLEAR CHANNEL FRAMER
logo
Applied Micro Circuits ...
CS1202 AMCC-CS1202 Datasheet
68Kb / 2P
STS-12 ATM/DS3 SONET MAPPER
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
29704-EVMD-001-C MA-COM-29704-EVMD-001-C_15 Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer EVM User Manual
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com