Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98411 Datasheet (PDF) - NEC

UPD98411 Datasheet PDF - NEC
Part # UPD98411
Download  UPD98411 Download
File Size   717.64 Kbytes
Page   36 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ATM QUAD SONET FRAMER

UPD98411 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD98411 Datasheet PDF - NEC

Part # UPD98411
Download  UPD98411 Click to download

File Size   717.64 Kbytes
Page   36 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ATM QUAD SONET FRAMER

UPD98411 Datasheet (HTML) - NEC


UPD98411 Product details

ATM QUAD SONET FRAMER

The µPD98411 NEASCOT-P40 is one of ATM-LAN LSIs and provides the functions of the TC sublayer of the SONET/SDH-base physical layer of the ATM protocol specified by the ATM Forum. Its main functions include a transmission function to map an ATM cell passed from an ATM layer to the payload of 155M-bps SONET STS-3c/SDH STM-1 frame and transmit the cell to the PMD (Physical Media Dependent) sublayer of the physical layer, and a reception function to separate the overhead and ATM cell from the data string received from the PMD device and transmit the ATM cell to the ATM layer. The µPD98411 NEASCOT-P40 combines these transmission /reception functions into a port function that is realized as a single 4-port LSI chip. This LSI is ideally suited for use in the ATM hubs, ATM switches, and other equipment used to configure an ATM network.
In addition, the µPD98411 also has a clock recovery function for each port to extract synchronous clock for reception of receive data from the bit stream, and a clock synthesis function to generate a clock for transmission.

FEATURES
• Incorporates an ATM user network interface TC sublayer function for four channels.
• Conforms to ATM FORUM UNI v3.1.
• Incorporates four clock recovery PLLs and one clock synthesizer PLL.
• Conforms to ATM FORUM UTOPIA Level 2 v1.0.
   • ATM layers can be selected from the multi-PHY interface (up to 800 Mbps) in several different modes.
   • A management interface can be set to either of two modes.
• The line-side PMD interface accepts a P-ECL level input.
• Supports a loopback function.
• Supports a pseudo error generation frame transmission function.
• Incorporates one general input port per channel and three output ports (each able to drive an LED) per channel.
• Supports JTAG boundary scan test (IEEE 1149.1).
• Incorporates a wide range of operation, administration, and maintenance (OAM) functions.
• 0.35-µm CMOS process
• Low power consumption; +3.3 V single-voltage power supply




Similar Part No. - UPD98411

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD98411 RENESAS-UPD98411 Datasheet
642Kb / 42P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD98411

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98402A NEC-UPD98402A Datasheet
178Kb / 26P
LOCAL ATM SONET FRAMER
UPD98404 NEC-UPD98404 Datasheet
201Kb / 6P
ADVANCED ATM SONET FRAMER
logo
PMC-Sierra, Inc
PM5316 PMC-PM5316 Datasheet
53Kb / 4P
Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
logo
Applied Micro Circuits ...
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
29704-EVMD-001-C MA-COM-29704-EVMD-001-C_15 Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer EVM User Manual
logo
PMC-Sierra, Inc
PM5316-1 PMC-PM5316-1 Datasheet
53Kb / 2P
Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com