Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98404 Datasheet (PDF) - NEC

UPD98404 Datasheet PDF - NEC
Part # UPD98404
Download  UPD98404 Download
File Size   201.98 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ADVANCED ATM SONET FRAMER

UPD98404 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD98404 Datasheet PDF - NEC

Part # UPD98404
Download  UPD98404 Click to download

File Size   201.98 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ADVANCED ATM SONET FRAMER

UPD98404 Datasheet (HTML) - NEC


UPD98404 Product details

DESCRIPTION
The µPD98404 NEASCOT-P30TM is an LSI for ATM applications, which can be used in ATM adapter boards for connecting PCs or workstations to an ATM network and can also be used in ATM hubs and ATM switches. This LSI provides the TC sub-layer functions in the SONET/SDH-base physical layer within the ATM protocol defined by the ATM Forum’s UNI3.1 recommendations.

FEATURES
• On-chip clock recovery/clock synthesis functions
• Provides TC sub-layer function for the ATM protocol’s physical layer
• Supported frame formats include 155 Mbps SONET STS-3c/SDH STM-1
• Conforms to ATM Forum UTOPIA interface Level 2 V1.0 (af-phy-0039.000 June 1995)
   Supports three UTOPIA interfaces:
   • Single PHY octet-level handshaking
   • Single PHY cell-level handshaking
   • Multi PHY mode
• Selectable to drop/bypass unassigned cells
• On-chip internal loopback functions for PMD layer loopback and ATM layer loopback
• Supports two PMD interfaces: serial and parallel
   • 155.52 Mbps serial interface
   • 19.44 MHz parallel interface
• Provides registers for writing/reading overhead information
   SOH (section overhead) :J0 byte, Z0 (first and second) bytes, F1 byte
   LOH (line overhead) :K1 byte, K2 byte
   POH (path overhead) :F2 byte, C2 byte, H4 byte
• Provides pseudo error frame transmit function for various errors
• Supports JTAG boundary scan test function (IEEE 1149.1)
• CMOS technology
• +3.3 V single power supply




Similar Part No. - UPD98404

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD98404 RENESAS-UPD98404 Datasheet
394Kb / 38P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD98404

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98402A NEC-UPD98402A Datasheet
178Kb / 26P
LOCAL ATM SONET FRAMER
UPD98411 NEC-UPD98411 Datasheet
717Kb / 36P
ATM QUAD SONET FRAMER
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
AX??ATM-SONET/SDH Transceiver
November 29, 1999
logo
Exar Corporation
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
DS3 ATM UNI/CLEAR CHANNEL FRAMER
logo
Applied Micro Circuits ...
CS1202 AMCC-CS1202 Datasheet
68Kb / 2P
STS-12 ATM/DS3 SONET MAPPER
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
29704-EVMD-001-C MA-COM-29704-EVMD-001-C_15 Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer EVM User Manual
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com