Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LASERCHECK Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LASERCHECK
Description  Handheld Laser Power Meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LASERCHECK Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LASERCHECK Datasheet HTML 1Page - Roithner LaserTechnik GmbH LASERCHECK Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30.11.2010
LaserCheck
1 of 2
LaserCheck
TECHNICAL DATA
Handheld Laser Power Meter
Features
• Auto-ranging with peal sample-and-hold
• Power measurment from 0.5 µW to 1 W
• ±5% calibrated accuracy from 400 to 1064 nm
LaserCheck is a handheld, inexpensive laser power meter specifically designed to provide power
measurements in a small, lightweight, self-contained package that can easily be stored in a pocket
or tool kit. At higher powers the silicon sensor is protected from saturation with a built-in optical
attenuator, and all measurements are displayed on a 3-digit LCD screen.
LaserCheck is microprocessor-controlled with wavelength correction, auto-ranging (
μW or mW
displayed), optical attenuator, power overload warning and automatic shutoff.
LaserCheck will be supplied with battery, instructions, storage case and certificate of calibration.
Specifications
Sensor Type
Silicon Cell
Built-in Attenuator
1 mm thick NG-10
Aperture Size
8 mm
Wavelength Range
400 to 1064 nm
Accuracy
±5%
10 mW
Max. CW Power
1 W (with built-in attenuator)
Min. CW Power
0.5 µW
Min. Power Resolution
0.01 µW
Displayed Power Ranges
9.99 µW to 999 mW
0.5 W/cm²
Max. Power Density
30 W/cm² (with built-in attenuator)
Measurement Display
3-digit LCD with power unit indicator
Display Power Indicators
µW, mW
Display Hold Time
10 sec.
1000 hr.
Battery Life
180000 measurements (at 20 sec./sample)
Overload Indication
“---“ display and beep tone
Regulations Met
CE
Size
168 x 24 x 20 mm
Weight
44 g


Similar Part No. - LASERCHECK

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
LASERIES EXXELIA-LASERIES Datasheet
617Kb / 16P
Radial Molded Capacitors
02/21
logo
AEROTECH US. ALL RIGHTS...
LASERTURN-1 AEROTECH-LASERTURN-1 Datasheet
1Mb / 5P
Linear/Rotary Motion Platform
LASERTURN160 AEROTECH-LASERTURN160 Datasheet
896Kb / 8P
Laser Machining System
More results

Similar Description - LASERCHECK

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CO240 EXTECH-CO240 Datasheet
289Kb / 1P
Handheld Indoor Air Quality CO2 Meter
DT200 EXTECH-DT200 Datasheet
192Kb / 1P
Laser Distance Meter
DT300 EXTECH-DT300 Datasheet
196Kb / 1P
Laser Distance Meter
logo
Keysight Technologies
U1701B KEYSIGHT-U1701B Datasheet
200Kb / 6P
U1701B Handheld Capacitance Meter
logo
Agilent(Hewlett-Packard...
U1701B HP-U1701B Datasheet
370Kb / 6P
Agilent U1701B Handheld Capacitance Meter
logo
Keysight Technologies
V3500A KEYSIGHT-V3500A Datasheet
1Mb / 10P
V3500A Handheld RF Power Meter
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
logo
Vaisala
HM70 VAISALA-HM70 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
GM70 VAISALA-GM70 Datasheet
565Kb / 3P
GM70 Handheld Carbon Dioxide Meter
MM70 VAISALA-MM70 Datasheet
1Mb / 3P
MM70 Handheld Moisture and Temperature Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com