Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6511 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS6511
Description  PIR SENSOR INTERFACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6511 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS6511 Datasheet HTML 1Page - LSI Computer Systems LS6511 Datasheet HTML 2Page - LSI Computer Systems LS6511 Datasheet HTML 3Page - LSI Computer Systems LS6511 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6511-102402-4
AMP 1
OUT
AMP 1
(-)IN
AMP 2
(-)IN
AMP 1
(+)IN
AMP 2
OUT
5V REG
OUT
C3
R3
C4
R4
1
2
3
12
13
14
R8
C9
R1
C1
PIR
SENSOR 1
R2
C2
LS6511
R7
C8
R10
R9
C7
R6
C6
R5
C5
PIR
SENSOR 2
+
-
+
-
+
-
+
-
V DD
5V
R1 = 1k
Ω
R6 = 36k
Ω
C1 = 100µF
C6 = 33µF
R2 = 2.7M
Ω
R7 = 36k
Ω
C2 = 0.01µF
C7 = 0.01µF
R3 = 36k
Ω
R8 = 36k
Ω
C3 = 33µF
C8 = 0.1µF
R4 = 2.7M
Ω
R9 = 5.6M
Ω
C4 = 0.01µF
C9 = 0.1µF
R5 = 36k
Ω
R10 = 2.4M
Ω
C5 = 33µF
PIRs = HEIMANN LHi 954, 958, 978, 874 or 878 (Typical)
All Resistors 1/4 W. All Capacitors 10V.
NOTES: 1) A pair of PIR Sensors may be used in applications where a wider optical field of view is needed.
2) External 5V Regulator drives the LS6511 and PIR sensor.
FIGURE 4. DIFFERENTIAL INTERFACE TO PIR SENSOR PAIR
AMP
AMP
COMP
COMP
DIFF AMP 2
OUTPUT
DIFF AMP 2
INPUT (-)
DIFF AMP 1
OUTPUT
DIFF AMP 1
INPUT (-)
DIFF AMP 1
INPUT (+)
SHUNT
REGULATOR
PROGRAMMABLE
RETRIGGERABLE
ONE-SHOT
OUTPUT
DURATION
TIMER
VDD
WINDOW
TIMER
5 V REGULATOR
OUTPUT
CONCURRENT PULSE/
DUAL PULSE RC
LED/RELAY
OUTPUT
DRIVER
M
U
X
FIGURE 5. LS6511 BLOCK DIAGRAM
WINDOW
COMPARATOR
DIGITAL
FILTER
VDD
VSS
DIGITAL
FILTER
PROGRAMMABLE
RETRIGGERABLE
ONE-SHOT
LED/RELAY
OUTPUT
DRIVER
DIGITAL FILTER RC
MODE
SELECT
DURATION
TIMER RC
(+V)
(-V)
UNDERVOLTAGE
DETECTOR
3
2
1
14
13
11
10
12
6
7
9
8
4
-
+
-
+
+
-
+
-
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com