Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6511 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS6511
Description  PIR SENSOR INTERFACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6511 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS6511 Datasheet HTML 1Page - LSI Computer Systems LS6511 Datasheet HTML 2Page - LSI Computer Systems LS6511 Datasheet HTML 3Page - LSI Computer Systems LS6511 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VDD - VSS
+7
V
Any input voltage
VIN
VSS - 0.3 to VDD + 0.3
V
Operating temperature
TA
-40 to +85
°C
Storage temperature
TSTG
-65 to +150
°C
ELECTRICAL CHARACTERISTICS:
(All voltages referenced to VSS, TA = -40˚C to +55˚C, 4.5V
≤ VDD ≤ 6.5V, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
SUPPLY CURRENT:
VDD
= 5V
IDD
-
50
75
µA
LED/RELAY, LED/RELAY
VDD
= 4.5V - 6.5V
IDD
-
65
125
µA
and REGULATOR
outputs not loaded
REGULATOR:
Voltage
VR
5.00
5.75
6.25
V
-
Current
IR
-
-
10
mA
-
DIFFERENTIAL AMPLIFIERS:
Open Loop Gain, Each Stage
G
70
-
-
dB
-
Common Mode Rejection Ratio
CMRR
60
-
-
dB
-
Power Supply Rejection Ratio
PSRR
60
-
-
dB
-
Input Sensitivity
VS
100
-
-
µVp-p
TA = 25˚C, with Amplifier
(Minimum Detectable Voltage
Bandpass configuration
to first amplifier when both
as shown in Figure 3
amplifiers are cascaded for
a net gain of 8,000)
Input Dynamic Range
-
0
-
1.75
V
-
Diff. Amp 2 Internal
VIR
-
0.3VDD
-
V
-
Reference
COMPARATOR:
Lower Reference
VTHL
-
VIR - 0.8V
-
V
At VDD = 5.75V
Higher Reference
VTHH
-
VIR + 0.8V
-
V
At VDD = 5.75V
DIGITAL FILTER:
For 50ms Filter Time
RDF
-
2.2
-
M
Ω
-
CDF
-
0.01
-
µF
-
ONE SHOT
ROS
-
2.2
-
M
Ω
-
(1 Second)
COS
-
0.22
-
µF
-
WINDOW TIMER
RWT
-
2.2
-
M
Ω
-
(2.5 Second)
CWT
-
0.68
-
µF
-
DURATION TIMER
RDT
-
2.2
-
M
Ω
-
(5 Seconds)
CDT
-
0.68
-
µF
-
OUTPUT DRIVE CURRENT
IO
-20
-
-
mA
VDD = 5V
(Vo = 0.5V Max.)
6511-102402-2
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com