Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7223 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7223
Description  KEYPAD PROGRAMMABLE DIGITAL LOCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7223 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7223 Datasheet HTML 1Page - LSI Computer Systems LS7223 Datasheet HTML 2Page - LSI Computer Systems LS7223 Datasheet HTML 3Page - LSI Computer Systems LS7223 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KEYPAD PROGRAMMABLE DIGITAL LOCK
FEATURES
:
• Stand alone lock logic
• 38416, 4-digit combinations
• 3 different user programmable codes
• Momentary and static lock control outputs
• Internal key debounce circuit
• Tamper detection output
• Status outputs
• Low current consumption
• +4V to +15V operation (VDD -VSS)
• LS7223 (DIP), LS7223-S (SOIC) - See Figure 1
GENERAL DESCRIPTION:
The LS7223 is a programmable electronic lock implemented
in a monolithic CMOS integrated circuit. The circuit contains
all the necessary memory, decoder and control logic to make
a programmable "keyless" lock system to control electro-
mechanical locks. Input is provided by a matrix keypad whose
maximum allowable size is 4 x 4.
The LS7223 can be programmed to recognize 3 different
codes: one to toggle an output and generate a pulse
(Primary), one to toggle an output (Secondary), and one to
toggle an output and trigger an alarm (Duress). Programming
is done via the keypad inputs. Any entry from the keypad
(when not in the program mode) which does not match one of
the 3 programmed codes causes the Tamper output to
become active.
The monolithic, low power CMOS design of the LS7223
enables it to be designed into typical battery backed-up and
automotive type security systems.
DETAILED DESCRIPTION:
CODES - There are 3 different function codes which the
LS7223 can store in memory. Each code consists of a 4 digit
number which must be entered in exact sequence and before
the keypad entry enable time expires. The 3 codes and their
functions are explained below.
1. The Primary code, when entered from the keypad, causes
the Lock 1 output to toggle and the Momentary output to
momentarily go high. Whenever power is first applied to
the LS7223, the circuit defaults to the Primary code
corresponding to the keys X1 Y1, X1 Y2, X2 Y2, X2 Y1.
The code can then be altered to any other 4 digit code by
entering the Program mode and keying in the new code.
2. The Secondary code, when entered from the key-
pad, causes the Lock 2 output to toggle. The first 3
digits of the Secondary code must be identical to the
first 3 digits of the Primary code; the 4th digit may or
may not be identical for the two codes. When the
two codes are the same in all 4 digits, the entry of
the code will cause both the Lock 1 and the Lock 2
outputs to toggle. Whenever power is first applied
to the LS7223, the circuit defaults to the Secondary
code corresponding to the keys X1 Y1, X1 Y2, X2
Y2, X1 Y1. The code can then be altered by
entering the Program mode.
3. The Duress code, when entered from the keypad,
causes the Lock 1 output to toggle; at the same time
the Alarm output will latch high to enable an external
alarm. The first 3 digits of the Duress code must be
identical to the first 3 digits of the Primary and
Secondary codes; the 4th digit must be different to
activate the Alarm output. Whenever power is first
applied to the LS7223, the circuit defaults to the
Duress code corresponding to the keys X1 Y1, X1
Y2, X2 Y2, X1 Y2. The code can then be altered
the same way as the other two codes.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
CONNECTION DIAGRAM - TOP VIEW
VDD (+V)
CAP-K
LOCK DISPLAY
LOCK 1
LOCK 2
ALARM
TAMPER
CAP-M
PROGRAM
MOM
V SS (-V)
RC-OSC
X1
X2
X3
X4
Y1
Y2
Y3
Y4
FIGURE 1
December 2002
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7223
7223-121102-1
UL
®
A3800


Similar Part No. - LS7223

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7223 LSI-LS7223_03 Datasheet
52Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
More results

Similar Description - LS7223

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
Programmable Digital Thermostat
logo
LSI Computer Systems
LS7222 LSI-LS7222 Datasheet
30Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
Keypad Multiplexer
June, 2006 ??Rev. 2
logo
Omron Electronics LLC
E5AR-T OMRON-E5AR-T Datasheet
1Mb / 12P
Programmable Digital Controller
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
Programmable Digital Controller
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
Keypad
logo
LSI Computer Systems
LS7222 LSI-LS7222_03 Datasheet
53Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
LS7223 LSI-LS7223_03 Datasheet
52Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
Keypad
logo
Schurter Inc.
PIEZOKEYPADS SCHURTER-PIEZOKEYPADS Datasheet
547Kb / 4P
Piezo Keypad
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com