Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet (PDF) - Dallas Semiconductor

DS1821 Datasheet PDF - Dallas Semiconductor
Part # DS1821
Download  DS1821 Download
File Size   570.81 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Programmable Digital Thermostat

DS1821 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1821 Datasheet PDF - Dallas Semiconductor

Part # DS1821
Download  DS1821 Click to download

File Size   570.81 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Programmable Digital Thermostat

DS1821 Datasheet (HTML) - Dallas Semiconductor


DS1821 Product details

DESCRIPTION

The DS1821 can function as a standalone thermostat with user-programmable trip-points or as 8-bit temperature sensor with a 1-Wire digital interface.  The thermostat trip-points are stored in nonvolatile memory, so DS1821 units can be programmed prior to system insertion for true standalone operation. The DS1821 has an operating temperature range of –55°C to +125°C and is accurate to ±1°C over a range of 0°C to +85°C.  Communication with the DS1821 is accomplished through the open-drain DQ pin; this pin also serves as the thermostat output.



FEATURES

-Requires no external components

-Unique 1-Wire® interface requires only one port pin for communication

-Operates over a -55°C to +125°C (-67°F to +257°F) temperature range

-Functions as a standalone thermostat with user-definable trip-points

ƒ-Provides 8-bit (1°C resolution) centigrade temperature measurements

-Accuracy is ±1°C over 0°C to +85°C range

-Converts temperature to a digital word in 1 second (max)

-Available in 3-pin PR35 and 8-pin SO packages

-Applications include thermostatic controls, industrial systems, consumer products, thermometers, or any thermally sensitive system




Similar Part No. - DS1821

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
454Kb / 18P
Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
Dallas Semiconductor
DS1821+ DALLAS-DS1821+ Datasheet
454Kb / 18P
Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS1821C+ MAXIM-DS1821C+ Datasheet
800Kb / 19P
Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
Synology Inc.
DS1821PLUS SYNOLOGY-DS1821PLUS Datasheet
655Kb / 8P
DiskStation DS1821
More results


Similar Description - DS1821

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821_07 Datasheet
454Kb / 18P
Programmable Digital Thermostat and Thermometer
logo
Fuji Electric
EDS11-141B FUJI-EDS11-141B Datasheet
187Kb / 4P
DIGITAL THERMOSTAT
logo
Maxim Integrated Produc...
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
Programmable Digital Thermostat and Thermometer
Rev 6/12
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com