Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1821 Datasheet HTML 3Page - Dallas Semiconductor DS1821 Datasheet HTML 4Page - Dallas Semiconductor DS1821 Datasheet HTML 5Page - Dallas Semiconductor DS1821 Datasheet HTML 6Page - Dallas Semiconductor DS1821 Datasheet HTML 7Page - Dallas Semiconductor DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor DS1821 Datasheet HTML 10Page - Dallas Semiconductor DS1821 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS1821
7 of 16
RETURNING TO 1-WIRE MODE FROM THERMOSTAT MODE
The operating mode of the DS1821 is determined at power-up, depending upon the setting of the T/ R bit.
If the T/ R bit is set to a 1, the DS1821 will power up in thermostat mode. In this mode, the device cannot
be written to or read from over the DQ line. However, it is possible to return to the 1-Wire “read” mode
temporarily, in cases where thermostat limits may need to be changed after insertion and use in a system.
To return to the 1-Wire “read” mode, the VDD pin of the DS1821 is brought to 0V while the DQ line is
held high. The DQ line must then be clocked low 16 times. After this is accomplished, the VDD line may
be brought high again, and the DS1821 will then be in 1-Wire “read” mode.
To toggle between modes, VDD is brought low while DQ is held high and then clocked 16 times. When
VDD is brought high again, the part will then be in thermostat mode again. This technique may be used to
toggle between the two operating modes of the DS1821 as often as required.
When both VDD and DQ are low for more than approximately 10 seconds, the part is powered down.
When powered up again, the part will begin operating in the mode set by T/R* bit (1=thermostat mode,
0=“read” mode).
DS1821 COMMAND SET Table 2
INSTRUCTION
DESCRIPTION
PROTOCOL
1-WIRE BUS DATA
AFTER ISSUING
PROTOCOL
TEMPERATURE CONVERSION COMMANDS
Start Convert T
Initiates temperature conversion.
EEh
idle
Stop Convert T
Halts temperature conversion.
22h
idle
Read Temperature Reads last converted temperature value
from temperature register.
AAh
<read data>
THERMOSTAT COMMANDS
Write TH
Writes high temperature limit value into
TH register.
01h
<write data>
Write TL
Writes low temperature limit value into
TL register.
02h
<write data>
Read TH
Reads stored value of high temperature
limit from TH register.
A1h
<read data>
Read TL
Reads stored value of low temperature
limit from TL register.
A2h
<read data>
Write Status
Writes configuration data to
configuration register.
0Ch
<write data>
Read Status
Reads configuration data from
configuration register.
ACh
<read data>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com