Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1821 Datasheet HTML 2Page - Dallas Semiconductor DS1821 Datasheet HTML 3Page - Dallas Semiconductor DS1821 Datasheet HTML 4Page - Dallas Semiconductor DS1821 Datasheet HTML 5Page - Dallas Semiconductor DS1821 Datasheet HTML 6Page - Dallas Semiconductor DS1821 Datasheet HTML 7Page - Dallas Semiconductor DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor DS1821 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DS1821
6 of 16
PROGRAMMING COMMAND FUNCTIONS
The command set for the DS1821 as shown in Table 2 is as follows:
Read Temperature [AAh]
This command reads the contents of the register which contains the last temperature conversion result.
Write TH [01h]
This command writes to the TH (HIGH TEMPERATURE) register. After issuing this command, the user
writes 8 bits of data to the TH register.
Write TL [02h]
This command writes to the TL (LOW TEMPERATURE) register. After issuing this command, the user
writes 8 bits of data to the TL register.
Read TH [A1h]
This command reads the value of the TH (HIGH TEMPERATURE) register. After issuing this command,
the user reads the 8 bits of data present in the TH register.
Read TL [A2h]
This command reads the value of the TL (LOW TEMPERATURE) register. After issuing this command,
the user reads the 8 bits of data present in the TL register.
Write Status [0Ch]
This command writes to the status register. This would be used for clearing the values of the THF and
TLF flags, and setting the T/ R , POL and 1SHOT bits. After issuing this command, the user writes the 8-
bit data into the register.
Read Status [ACh]
This command reads the value in the status register. After issuing this command, the user reads the 8 bits
present in the status register.
Start Convert T [EEh]
This command begins a temperature conversion. No further data is required. In One-Shot mode, the
temperature conversion will be performed and then the DS1821 will remain idle. In continuous mode, this
command will initiate continuous conversions.
Stop Convert T [22h]
This command stops temperature conversion. No further data is required. This command may be used to
halt a DS1821 in continuous conversion mode. After issuing this command, the current temperature
measurement will be completed, and then the DS1821 will remain idle until a Start Convert T is issued to
resume continuous operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com