Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1821 Datasheet HTML 1Page - Dallas Semiconductor DS1821 Datasheet HTML 2Page - Dallas Semiconductor DS1821 Datasheet HTML 3Page - Dallas Semiconductor DS1821 Datasheet HTML 4Page - Dallas Semiconductor DS1821 Datasheet HTML 5Page - Dallas Semiconductor DS1821 Datasheet HTML 6Page - Dallas Semiconductor DS1821 Datasheet HTML 7Page - Dallas Semiconductor DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS1821
3 of 16
DS1821 BLOCK DIAGRAM Figure 1
OPERATION
Temperature Measurement
The DS1821 measures temperatures through the use of an onboard proprietary temperature measurement
technique. The temperature reading is provided in an 8-bit, two’s complement reading. Table 1 describes
the exact relationship of output data to measured temperature. The data is transmitted serially over the 1-
Wire interface. The DS1821 can measure temperature over the range of -55
°C to +125°C in 1°C
increments. For Fahrenheit usage, a lookup table or conversion factor must be used. Please refer to
Application Note 105 for the method to increase the resolution of the DS1821.
TEMPERATURE/DATA RELATIONSHIPS Table 1
TEMPERATURE
DIGITAL
OUTPUT
(Binary)
DIGITAL
OUTPUT
(Hex)
+125°C
01111101
7Dh
+25°C
00011001
19h
0°C
00000000
00h
-1°C
11111111
FFh
-25°C
11100111
E7h
-55°C
11001001
C9h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com