Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1821 Datasheet HTML 1Page - Dallas Semiconductor DS1821 Datasheet HTML 2Page - Dallas Semiconductor DS1821 Datasheet HTML 3Page - Dallas Semiconductor DS1821 Datasheet HTML 4Page - Dallas Semiconductor DS1821 Datasheet HTML 5Page - Dallas Semiconductor DS1821 Datasheet HTML 6Page - Dallas Semiconductor DS1821 Datasheet HTML 7Page - Dallas Semiconductor DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS1821
4 of 16
Thermostat Controls
In its thermostat mode, the DS1821 functions as a thermostat with programmable hysteresis, as shown in
Figure 2. Temperature conversions begin as soon as VDD is applied to the device, and are continually
made, so that the thermostat output updates as soon as a temperature conversion is complete. This is
approximately once every second.
When the DS1821’s temperature meets or exceeds the value stored in the high temperature trip register
(TH), the output becomes active, and will stay active until the temperature falls below the temperature
stored in the low temperature trigger register (TL). In this way, any amount of hysteresis may be
obtained.
The active state for the output is programmable by the user, so that an active state may either be a logic 1
(+5V, output transistor off) or a logic 0 (0V, output transistor on).
THERMOSTAT OUTPUT OPERATION Figure 2
DQ (Thermostat output, Active=High) VDD =5 volts
PROGRAMMING THE DS1821
To program the DS1821, it must be placed in 1-Wire mode. This mode is active when the device arrives
from the factory. Once the part has been programmed, and if the user has set the power-up state to
thermostat mode, 1-Wire mode may only be achieved by bringing the VDD pin low while holding the DQ
line high, then clocking the DQ line 16 times.
The DS1821 has four internal registers that may be accessed through the DQ pin when the device is in 1-
Wire mode. These registers are the high temperature trigger (TH), low temperature trigger (TL), the
actual measured temperature result, and the status register. The TH,TL, and status registers are all
nonvolatile.
The DS1821 must have temperature settings resident in the TH and TL registers for thermostatic
operation. The temperature result register and the thermostat limit registers (TH and TL) hold an 8-bit
number in the two’s complement format described in Table 1.
TL
TH
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com