Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor DS1821 Datasheet HTML 10Page - Dallas Semiconductor DS1821 Datasheet HTML 11Page - Dallas Semiconductor DS1821 Datasheet HTML 12Page - Dallas Semiconductor DS1821 Datasheet HTML 13Page - Dallas Semiconductor DS1821 Datasheet HTML 14Page - Dallas Semiconductor DS1821 Datasheet HTML 15Page - Dallas Semiconductor DS1821 Datasheet HTML 16Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
DS1821
14 of 16
AC ELECTRICAL CHARACTERISTICS:
(-55°C to +125°C; VDD=3.6V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Temperature Conversion Time
tCONV
0.4
1.0
s
Time Slot
tSLOT
60
120
µs
Recovery Time
tREC
1µs
Write 0 Low Time
tLOW0
60
120
µs
Write 1 Low Time
tLOW1
115
µs
Read Data Valid
tRDV
15
µs
Reset Time High
tRSTH
480
µs
Reset Time Low
tRSTL
480
µs
Presence Detect High
tPDHIGH
15
60
µs
Presence Detect Low
tPDLOW
60
240
µs
EEPROM Write Time
tWR
10
50
ms
VDD Low to Mode Toggle Clock Low
tPC
100
ns
6
Mode Toggle Clock 16 High to VDD
High
tCP
100
ns
Mode Toggle Clock Pulse Low Time
tCL
0.1
10
µs
Mode Toggle Clock Pulse High Time
tCH
0.1
µs
Mode Toggle Clock High-to-Low or
Low-to-High Transition Time
tT
100
ns
Capacitance
CIN/OUT
25
pF
NOTES:
1. All voltages are referenced to ground.
2. Logic 1 voltages are specified at a source current of 1 mA.
3. Logic 0 voltages are specified at a sink current of 4 mA.
4. IDD specified with VCC at 5.0V.
5. DQ line in “hi-Z” state and Idq=0.
6. Time for part to disable thermostat output.
7. For T<0
°C, accuracy degrades by 0.5°C/V for VCC <4.3V.
8. See typical curve for specification limits outside the 0
°C to +85°C range. Thermometer error reflects
sensor accuracy as tested during calibration.
9. Standby current is specified up to 85
°C. Standby current is typically 5 uA at 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com