Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1821 Datasheet HTML 4Page - Dallas Semiconductor DS1821 Datasheet HTML 5Page - Dallas Semiconductor DS1821 Datasheet HTML 6Page - Dallas Semiconductor DS1821 Datasheet HTML 7Page - Dallas Semiconductor DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor DS1821 Datasheet HTML 10Page - Dallas Semiconductor DS1821 Datasheet HTML 11Page - Dallas Semiconductor DS1821 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS1821
8 of 16
Example: CPU sets up DS1821 for low temp limit of +10
°C and high temp limit of +40°C, output active
high (i.e., DQ pin is off), then instructs the DS1821 to become a thermostat.
DQ PORT PIN
DATA (LSB
FIRST)
COMMENTS
TX
Reset
Reset pulse (480-960 µs).
RX
Presence
Presence pulse.
TX
01h
CPU issues Write TH command.
TX
28h
CPU sends data for TH limit of +40°C.
TX
Reset
Reset pulse (480-960 µs).
RX
Presence
Presence pulse.
TX
02h
CPU issues Write TL command.
TX
0Ah
CPU sends data for TL limit of +10°C.
TX
Reset
Reset pulse (480-960 µs).
RX
Presence
Presence pulse.
TX
A1h
CPU issues Read TH command.
RX
28h
DS1821 sends back stored value of TH for CPU to verify.
TX
Reset
Reset pulse (480-960 µs).
RX
Presence
Presence pulse.
TX
A2h
CPU issues Read TL command.
RX
0Ah
DS1821 sends back stored value of TL for CPU to verify.
TX
Reset
Reset pulse (480-960 µs).
RX
Presence
Presence pulse.
TX
0Ch
CPU issues Write Config command.
TX
06h
CPU sets DS1821 up for active high output, set T/ R bit to instruct
device to become thermostat.
<high impedance>
Power cycles; DS1821 now comes up in thermostat mode.
1-WIRE BUS SYSTEM
The DS1821 1-Wire bus is a system which has a single bus master and one slave. The DS1821 behaves as
a slave. The DS1821 is not able to be multidropped, unlike other 1-Wire devices from Dallas
Semiconductor.
The discussion of this bus system is broken down into three topics: hardware configuration, transaction
sequence, and 1-Wire signaling (signal types and timing).
HARDWARE CONFIGURATION
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to
drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open
drain or 3-state outputs. The 1-Wire port of the DS1821 (DQ pin) is open drain with an internal circuit
equivalent to that shown in Figure 4. The 1-Wire bus requires a pullup resistor of approximately 5K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com