Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet (PDF) - Maxim Integrated Products

DS1821 Datasheet PDF - Maxim Integrated Products
Part # DS1821
Download  DS1821 Download
File Size   800.03 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable Digital Thermostat and Thermometer

DS1821 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1821 Datasheet PDF - Maxim Integrated Products

Part # DS1821
Download  DS1821 Click to download

File Size   800.03 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable Digital Thermostat and Thermometer

DS1821 Datasheet (HTML) - Maxim Integrated Products


DS1821 Product details

DESCRIPTION

The DS1821 can function as a standalone thermostat with user-programmable trip-points or as 8-bit temperature sensor with a 1-Wire digital interface.  The thermostat trip-points are stored in nonvolatile memory, so DS1821 units can be programmed prior to system insertion for true standalone operation. The DS1821 has an operating temperature range of –55°C to +125°C and is accurate to ±1°C over a range of 0°C to +85°C.  Communication with the DS1821 is accomplished through the open-drain DQ pin; this pin also serves as the thermostat output.



FEATURES

-Requires no external components

-Unique 1-Wire® interface requires only one port pin for communication

-Operates over a -55°C to +125°C (-67°F to +257°F) temperature range

- Functions as a standalone thermostat with user-definable trip-points

-Provides 8-bit (1°C resolution) centigrade temperature measurements

-Accuracy is ±1°C over 0°C to +85°C range

-Converts temperature to a digital word in 1 second (max)

-Available in 3-pin TO92 and 8-pin SO packages

-Applications include thermostatic controls, industrial systems, consumer products, thermometers, or any thermally sensitive system




Similar Part No. - DS1821

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
Programmable Digital Thermostat
DS1821 DALLAS-DS1821 Datasheet
454Kb / 18P
Programmable Digital Thermostat and Thermometer
DS1821+ DALLAS-DS1821+ Datasheet
454Kb / 18P
Programmable Digital Thermostat and Thermometer
logo
Synology Inc.
DS1821PLUS SYNOLOGY-DS1821PLUS Datasheet
655Kb / 8P
DiskStation DS1821
logo
Dallas Semiconductor
DS1821S DALLAS-DS1821S Datasheet
454Kb / 18P
Programmable Digital Thermostat and Thermometer
More results


Similar Description - DS1821

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821_07 Datasheet
454Kb / 18P
Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com