Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1821
Description  Programmable Digital Thermostat and Thermometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1821 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1821 Datasheet HTML 1Page - Maxim Integrated Products DS1821 Datasheet HTML 2Page - Maxim Integrated Products DS1821 Datasheet HTML 3Page - Maxim Integrated Products DS1821 Datasheet HTML 4Page - Maxim Integrated Products DS1821 Datasheet HTML 5Page - Maxim Integrated Products DS1821 Datasheet HTML 6Page - Maxim Integrated Products DS1821 Datasheet HTML 7Page - Maxim Integrated Products DS1821 Datasheet HTML 8Page - Maxim Integrated Products DS1821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS1821
2 of 19
ORDERING INFORMATION
PART
PACKAGE MARKING
PIN-PACKAGE
DS1821C+
DS1821
3 TO92
DS1821S+
DS1821S
8 SO (208 mils)
DS1821S+T&R
DS1821S
8 SO (208 mils), 2000 Piece
Tape-and-Reel
+Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
DETAILED PIN DESCRIPTIONS Table 1
TO92
8-PIN
SO*
SYMBOL
DESCRIPTION
1
2
GND
Ground pin.
2
1
DQ
Open drain data input/output pin – 1-Wire operation; Open drain
thermostat output pin –thermostat operation.
3
8
VDD
Power supply pin.
*All pins not specified in this table are “No Connect” pins.
OVERVIEW
Figure 1 shows a block diagram of the DS1821 and pin descriptions are given in Table 1. The DS1821
can operate as a standalone thermostat with user-programmable trip-points or as 8-bit temperature sensor
with a 1-Wire digital interface. The open-drain DQ pin functions as the thermostat output for thermostat
operation and as the data I/O pin for 1-Wire communications. The 1-Wire interface provides user access
to the nonvolatile (EEPROM) thermostat trip-point registers (TH and TL), the status/configuration register,
and the temperature register.
When configured as standalone thermostat, temperature conversions start immediately at power-up. In
this mode, the DQ pin becomes active when the temperature of the DS1821 exceeds the limit
programmed into the TH register, and remains active until the temperature drops below the limit
programmed into the TL register.
The DS1821 uses Maxim’s exclusive 1-Wire bus protocol that implements bus communication with one
control signal. This system is explained in detail in the 1-Wire BUS SYSTEM section of this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com