Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1821
Description  Programmable Digital Thermostat and Thermometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1821 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1821 Datasheet HTML 9Page - Maxim Integrated Products DS1821 Datasheet HTML 10Page - Maxim Integrated Products DS1821 Datasheet HTML 11Page - Maxim Integrated Products DS1821 Datasheet HTML 12Page - Maxim Integrated Products DS1821 Datasheet HTML 13Page - Maxim Integrated Products DS1821 Datasheet HTML 14Page - Maxim Integrated Products DS1821 Datasheet HTML 15Page - Maxim Integrated Products DS1821 Datasheet HTML 16Page - Maxim Integrated Products DS1821 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DS1821
13 of 19
Figure 9 illustrates that the sum of TINIT, TRC, and TSAMPLE must be less than 15 µs for a read time slot.
Figure 10 shows that system timing margin is maximized by keeping TINIT and TRC as short as possible
and by locating the master sample time during read time slots towards the end of the 15 µs period.
READ/WRITE TIME SLOT TIMING DIAGRAM Figure 8
DETAILED MASTER READ 1 TIMING Figure 9
RECOMMENDED MASTER READ 1 TIMING Figure 10
VDD
GND
1-WIRE BUS
15 µs
VIH of Master
TRC
TINT > 1 µs
Master samples
VDD
GND
1-WIRE BUS
15 µs
VIH of Master
TRC =
small
TINT =
small
Master samples
LINE TYPE LEGEND (Figure 8, Figure 9 and Figure 10)
Bus master pulling low
DS1821 pulling low
Resistor pullup
45 µs
15 µs
VDD
GND
1-WIRE BUS
60 µs < TX “0” < 120
1 µs < TREC < ∞
DS1821 samples
MIN
TYP
MAX
15 µs
30 µs
> 1 µs
MASTER WRITE “0” SLOT
MASTER WRITE “1” SLOT
DS1821 samples
MIN
TYP
MAX
VDD
GND
1-WIRE BUS
15 µs
MASTER READ “0” SLOT
MASTER READ “1” SLOT
Master samples
Master samples
START
OF SLOT
START
OF SLOT
> 1 µs
1 µs < TREC < ∞
15 µs
15 µs
30 µs
15 µs
> 1 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com