Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1821
Description  Programmable Digital Thermostat and Thermometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1821 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1821 Datasheet HTML 1Page - Maxim Integrated Products DS1821 Datasheet HTML 2Page - Maxim Integrated Products DS1821 Datasheet HTML 3Page - Maxim Integrated Products DS1821 Datasheet HTML 4Page - Maxim Integrated Products DS1821 Datasheet HTML 5Page - Maxim Integrated Products DS1821 Datasheet HTML 6Page - Maxim Integrated Products DS1821 Datasheet HTML 7Page - Maxim Integrated Products DS1821 Datasheet HTML 8Page - Maxim Integrated Products DS1821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DS1821
3 of 19
DS1821 BLOCK DIAGRAM Figure 1
TEMPERATURE SENSOR FUNCTIONALITY
The core functionality of the DS1821 is its proprietary direct-to-digital temperature sensor, which
provides 8-bit (1°C increment) centigrade temperature readings over the range of -55°C to +125°C.
A block diagram of the temperature measurement circuitry is shown in Figure 2. This circuit measures
the temperature by counting the number of clock cycles generated by an oscillator with a low temperature
coefficient (temp-co) during a gate period determined by a high temp-co oscillator. The low temp-co
counter is preset with a base count that corresponds to –55°C. If the counter reaches 0 before the gate
period is over, the temperature register, which is preset to –55°C, is incremented by one degree, and the
counter is again preset with a starting value determined by the slope accumulator circuitry. The preset
counter value is unique for every temperature increment and compensates for the parabolic behavior of
the oscillators over temperature.
At this time, the counter is clocked again until it reaches 0. If the gate period is not over when the counter
reaches 0, the temperature register is incremented again. This process of presetting the counter, counting
down to zero, and incrementing the temperature register is repeated until the counter takes less time to
reach zero than the duration of the gate period of the high temp-co oscillator. When this iterative process
is complete, the value in the temperature register will indicate the centigrade temperature of the device.
VDD
4.7K
DQ
GND
TH REGISTER
TL REGISTER
CONFIGURATION REGISTER
AND CONTROL LOGIC
TEMPERATURE SENSOR
1-WIRE
INTERFACE
AND
I/O CONTROL
VDD
POWER
SUPPLY
SENSE
DIGITAL
COMPARATOR/
LOGIC
DS1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com