Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7314 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7314
Description  AC POWER CONTROLLERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7314 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7314 Datasheet HTML 1Page - LSI Computer Systems LS7314 Datasheet HTML 2Page - LSI Computer Systems LS7314 Datasheet HTML 3Page - LSI Computer Systems LS7314 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC POWER CONTROLLERS
DESCRIPTION:
The LS7314 - LS7315 are MOS integrated circuits specifically
designed for appliance motor speed control, lighting control,
etc. I/Os (PLs) are provided for selecting/indicating from one to
ten power levels. The LS7315 is designed for pushbutton con-
trol. The LS7314 is designed for touch control. (See Figures 4A
and 4B)
INPUT/OUTPUT DESCRIPTION:
PL1-PL10 (Pins 1-8, 15, 16)
Ten inputs/outputs for selecting ten output phase angles (pow-
er levels). When no power level is selected (such as after sys-
tem power-up) PL1-PL10 all act as inputs. When a power level
is selected by applying a logic zero at one of these inputs for
TH time (See Dynamic Characteristics), the output (TRIG) is
turned on at the phase angle selected and the PL input switch-
es status to become an output in order to drive a display, such
as an LED. It switches back to the input state when another PL
input is activated or when OFF is selected. (See Note 1)
OFF (Pin 10)
If TRIG is on, a logic 0 applied to the OFF input for TH time
turns TRIG output off and switches the selected PL back to the
input state. If TRIG is off, activating OFF leaves the circuit un-
affected. Following an OFF activation, TRIG can be turned on
by applying any PL input. (See Note 1)
SYNC (Pin 12)
Input for PLL reference frequency (50Hz/60Hz). All internal
clock frequencies are synchronized with the SYNC input.
CAP (Pin 11)
Input for component connection for the PLL filter capacitor.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PL3
PL4
PL5
PL6
PL7
PL8
PL9
PL10
PL2
TRIG
Vss (+V)
SYNC
CAP
OFF
V DD (-V)
CONNECTION DIAGRAM - TOP VIEW
FIGURE 1
PL1
A
7314-040197-1
APPLICATIONS:
• Universal and shaded-pole motor speed control for modern
appliance designs. Eliminates awkward mechanical switch
assemblies and multi-tapped motor windings. (See Fig. 4C)
• Multi-level light switches. (See Fig. 4D)
TRIG (Pin 13)
This output is designed to drive a triac in series with the
load and control its firing angle with respect to the AC line.
A 1ms output pulse width is provided to enable the triac to
fire even with inductive loads which cause significant phase
delays between voltage and current.
Vss (Pin 14)
Supply voltage positive terminal.
VDD (Pin 9)
Supply voltage negative terminal (ground).
NOTE 1: LS7315 has an internal pullup resistor on this in-
put and LS7314 does not. (See DC Electrical Character-
istics.)
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7314-7315
UL
®
A3800
Ø
TW
FIGURE 2.
TRIG PHASE ANGLE Ø
SYNC
TRIG
FEATURES:
• 10 I/Os to Select/Indicate up to ten Power Levels
• Inputs activated by Touch or Pushbutton Switch
• Output switches pure and precise AC Power to Load
• Operates with 50Hz/60Hz line frequency
• Rugged, latchup-free process technology
• +10V to +14V operation (Vss-VDD)
• LS7314, LS7315 (DIP;
LS7314-S, LS7315-S (SOIC) - See Figure 1


Similar Part No. - LS7314

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7314 LSI-LS7314_03 Datasheet
70Kb / 4P
AC POWER CONTROLLERS
More results

Similar Description - LS7314

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
Programmable Controllers AC / DC.Input Module Telecommunication
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
Programmable Controllers AC / DC.Input Module Telecommunication
logo
LSI Computer Systems
LS7310 LSI-LS7310 Datasheet
41Kb / 4P
AC POWER CONTROLLERS
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Toshiba Semiconductor
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
Programmable Controllers AC/DC-Input Module
logo
Nell Semiconductor Co.,...
495PT NELLSEMI-495PT Datasheet
813Kb / 3P
AC controllers
logo
LSI Computer Systems
LS7310 LSI-LS7310_03 Datasheet
65Kb / 4P
AC POWER CONTROLLERS
LS7314 LSI-LS7314_03 Datasheet
70Kb / 4P
AC POWER CONTROLLERS
logo
Carlo Gavazzi Holding A...
RVLFA120075FA CARLOGAVAZZI-RVLFA120075FA Datasheet
1Mb / 11P
Motor Controllers AC Variable Frequency Drives
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com