Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7338 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7338
Description  DELAYED-OFF LIGHT SWITCH WITH PROGRAMMABLE ON-TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7338 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7338 Datasheet HTML 1Page - LSI Computer Systems LS7338 Datasheet HTML 2Page - LSI Computer Systems LS7338 Datasheet HTML 3Page - LSI Computer Systems LS7338 Datasheet HTML 4Page - LSI Computer Systems LS7338 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EXTN
2K
Ω ,1/4W
IN914
SENSOR PLATE
2M
Ω ,1/4W
200K
Ω ,1/4W
P
MPS8599
FIGURE 6. ELECTRONIC SWITCH EXTENSION
2M
Ω ,1/4W
EXTENSIONS: (See Figure 5 and Figure 6)
All sequence functions can also be inplemented by utilizing the SLAVE input. This
can be done by either a mechanical switch or the electronic switch in conjunction with
a sensing plate as shown in Figure 6. When the plate is touched, a logic high level is
generated at the EXTENSION terminal for both half cycles of the line frequency.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com