Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7338 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7338
Description  DELAYED-OFF LIGHT SWITCH WITH PROGRAMMABLE ON-TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7338 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7338 Datasheet HTML 1Page - LSI Computer Systems LS7338 Datasheet HTML 2Page - LSI Computer Systems LS7338 Datasheet HTML 3Page - LSI Computer Systems LS7338 Datasheet HTML 4Page - LSI Computer Systems LS7338 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT/OUTPUT DESCRIPTION:
SENSE (Pin 1)
A logic 0 applied to this input for a minimum of three SYNC cy-
cles, TS1 (50ms for 60Hz, 60ms for 50Hz), causes the circuit to
step to the next state in the operating sequence.
SLAVE (Pin 2)
Same description as SENSE (Pin 1) except that logic 1 replaces
logic 0. This input is designed to be used with Remote Exten-
sions (See Figure 5 and Figure 6.)
VDD (Pin 3)
Supply voltage negative terminal.
TRIG (Pin 4)
TRIG is a negative-going pulse occurring once every half cycle
of the SYNC input. Pulse width is 33µs. Table 1 in the General
Description shows values of the TRIG phase angle for the differ-
ent states. (See Figure 2 and Figure 3.)
VSS (Pin 5)
Supply voltage positive terminal.
OSC (Pin 6)
An R-C network connected to this input controls the frequency of
oscillation which determines the Time-out, TD1, in State 1. TD1 is
approximately 255RC. The Oscillator is active only in State 1. Chip
to chip Oscillation Tolerance is ±10% for fixed value of RC. Tie Pin
6 to VSS if a Time-out is not desired. (See Figure 5.)
CAP (Pin 7)
The CAP input is for external component connection for the PLL fil-
ter capacitor. (See Figure 5.)
SYNC (Pin 8)
The AC Line Frequency (50/60Hz) is applied to this input. The
Phase-Lock Loop synchronizes all internal timings to the AC signal
at the SYNC input. (See Figure 5.)
7338-112497-2
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VSS - VDD
+20
V
Any input voltage
VIN
VSS-20 to VSS + .5
V
Operating temperature
TA
0 to +85
°C
Storage temperature
TSTG
-65 to +150
°C
DC ELECTRICAL CHARACTERISTICS:
(TA = 25°C, all voltages referenced to VDD)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Supply Voltage
VSS
+12
-
+18
V
-
Supply Current
ISS
-
1.6
2.2
mA
VSS = +15V,
Output off
Input Voltages
SYNC Lo
VIRL
0
-
VSS-9.5
V
-
SYNC Hi
VIRH
VSS-5.5
-
VSS
V
-
SENSE Lo
VIOL
0
-
VSS-8
V
-
SENSE Hi
VIOH
VSS-2
-
VSS
V
-
SLAVE Lo
VIVL
0
-
VSS-8
V
-
SLAVE Hi
VIVH
VSS-2
-
VSS
V
-
Input Current
SYNC, SENSE &
IIH
-
-
110
uA
With Series 1.5M
SLAVE Hi
Resistor to 115VAC
SYNC, SENSE &
SLAVE Lo
IIL
-
-
100
nA
-
TRIG Hi Voltage
VOH
-
VSS
-
V
-
TRIG Lo Voltage
VOL
-
VSS-8
-
V
VSS = +15V
TRIG Sink Current
IOS
25
-
-
mA
VSS = +15V,VOL = VSS -4V
TRANSIENT CHARACTERISTICS (See Fig. 2 and 3)
(All timings are based on Fs = 60Hz, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SYNC Frequency
Fs
40
-
70
Hz
SENSE/SLAVE Sense Time
Ts1
50
-
Infinite
ms
TRIG Pulse Width
Tw
-
33
-
µs
STATE 1 Time-out period
TD1
-
255RC
-
s
STATE 2 Time-out period
TD2
-
209
-
s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com