Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7362 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7362
Description  BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7362 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7362 Datasheet HTML 1Page - LSI Computer Systems LS7362 Datasheet HTML 2Page - LSI Computer Systems LS7362 Datasheet HTML 3Page - LSI Computer Systems LS7362 Datasheet HTML 4Page - LSI Computer Systems LS7362 Datasheet HTML 5Page - LSI Computer Systems LS7362 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Vss
-
+
13
V TRIP
EXT. OSCILLATOR
R6
R2
C1
S1
R1
15
Vss
C3
Vss
R3
R4
R5
D1
C2
Vss
R8
LS7362
FROM MOTOR
POSITION
SENSOR
14
C4
R7
FIGURE 5
CLOSED-LOOP SPEED CONTROLLER
A closed loop system can be configured by differentiating
one of the motor position sense inputs and integrating only
the negative pulses to form a DC voltage that is applied to
the inverting input of an op-amp. The non-inverting input
voltage is adjusted with a potentiometer until the resultant
voltage at V TRIP causes the motor to run at desired speed.
The R2-C1 differentiator, the R3-D1 negative pulse trans-
mitter and the R4-C2 integrator form a frequency to voltage
converter. An increase in motor speed above the desired
speed causes V TRIP to increase which lowers the duty cy-
cle modulation of the oscillator and the resultant motor
speed. A decrease in speed lowers V TRIP and raises the
duty cycle modulation and the resultant motor speed. For
proper operation, both R5 and R6 should be greater than
R4, and R4 in turn should be greater than both R2 and R3.
Also the R4-C2 time constant should be greater than the
R2-C1 time constant. C3 may be added across R6 for
additional V TRIP smoothing.
BRAKE
MOTOR
SUPPLY
Vss
O6
8
5
COMMON
BRAKE
INPUT
7
O4
6
9
O5
LS7362
FIGURE 3.
SINGLE-ENDED
DRIVER CIRCUIT
This configuration requires only
one base current limiting resistor
connected from the COMMON
pin to Vss.
FORWARD
REVERSE
IN914
2.2K
Inputs form SG1731
or UC1637
F/R
LS7362
ENABLE
19
10
FIGURE 4. PRECISION CONTROL
BRUSHLESS DC MOTOR DRIVE
For controlled acceleration and deceleration of motors
in the forward or reverse directions, a motor control
pulse width modulator circuit such as the SG1731 or
UC1637 can be interfaced with the LS7362.
The logical OR gate made up of the resistor-diode net-
work permits the LS7362 to be enabled when either the
forward or reverse input is high. By applying the forward
input directly to Pin 19, the motor can only operate in the
forward direction when the forward input is high and only
in the reverse direction when the reverse input is high.
Motor direction is determined by relative pulse widths of
the forward and reverse inputs while acceleration or
deceleration is determined by variations of these widths.
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
7362-101992-5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com