Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7362 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7362
Description  BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7362 Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7362 Datasheet HTML 1Page - LSI Computer Systems LS7362 Datasheet HTML 2Page - LSI Computer Systems LS7362 Datasheet HTML 3Page - LSI Computer Systems LS7362 Datasheet HTML 4Page - LSI Computer Systems LS7362 Datasheet HTML 5Page - LSI Computer Systems LS7362 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OUTPUT
DRIVERS
OUTPUT
ENCODER
INPUT
DECODER
R
Q
S
SAWTOOTH
OSCILLATOR
-
+
+
POSITIVE
EDGE
DETECTOR
COMMUTATION
SEQUENCE
SELECT LOGIC
LOW-SIDE
DRIVERS
HIGH-SIDE
DRIVERS
5
6
8
11
VDD
18
VSS
GND
COMMON
4
+V
1
20
19
15
16
17
9
10
12
13
14
≈30KHz
CS1
CS2
FWD/REV
S1
S2
S3
BRAKE
ENABLE
OVERCURRENT
SENSE
V TRIP
.001µF
33K
+V
+V
FIGURE 6. LS7362 BLOCK DIAGRAM
R
R
+V
2
3
4
5
6
7
O1
O2
O3
O4
O5
O6
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com