Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7535 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7535
Description  DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7535 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7535 Datasheet HTML 1Page - LSI Computer Systems LS7535 Datasheet HTML 2Page - LSI Computer Systems LS7535 Datasheet HTML 3Page - LSI Computer Systems LS7535 Datasheet HTML 4Page - LSI Computer Systems LS7535 Datasheet HTML 5Page - LSI Computer Systems LS7535 Datasheet HTML 6Page - LSI Computer Systems LS7535 Datasheet HTML 7Page - LSI Computer Systems LS7535 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FIGURE 3. OUTPUT CONDUCTION ANGLE,
ø, vs UP/DOWN INPUTS
Note 1. UP/DOWN input polarity shown is for LS7534. For LS7535, the polarity is reversed.
Note 2. Points A, D, E and K correspond to minimum brightness, where ø = 41°.
Points B, C, G and H correspond to maximum brightness, where ø = 159°.
Points denoted by M correspond to an arbitrary intermediate brightness.
Note 3. Points F, J and L correspond to ø = 64°. The ramp-up or ramp-down rate of ø changes at these points
(upon long activation only) indicated by the discontinuity of the slopes. The interval E to F or J to K,
in terms of time and angle, are 934ms and 23°, respectively.
OUT
ø
SYNC
TW
TW
200
150
100
50
0
DOWN
UP
(Degrees)
0
4
8
12
16
0
4
8
12
0
4
8
12
16
20
24
A
B
C
D
E
F
H
K
G
J
M
L
M
TDL
334ms
334ms
TS2
TS2
TS1
TS2
TS1
TS1
TS1
TUS
TDS
TUL
334ms
ø
SECONDS
FIGURE 2. OUTPUT CONDUCTION ANGLE,
ø
7534/35-080596-4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com