Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7535 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7535
Description  DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7535 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7535 Datasheet HTML 1Page - LSI Computer Systems LS7535 Datasheet HTML 2Page - LSI Computer Systems LS7535 Datasheet HTML 3Page - LSI Computer Systems LS7535 Datasheet HTML 4Page - LSI Computer Systems LS7535 Datasheet HTML 5Page - LSI Computer Systems LS7535 Datasheet HTML 6Page - LSI Computer Systems LS7535 Datasheet HTML 7Page - LSI Computer Systems LS7535 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TRIG
OUTPUT
DRIVER
DIGITAL
COM-
PARATOR
BRIGHTNESS
MEMORY
Ø
POINTER
PHASE
LOCK
LOOP
CONTROL
LOGIC
BUF
BUF
BUF
BUF
SYNC
CAP
DOZE
DOWN
UP
(+V)
(-V)
FIGURE 4
LS7534/LS7535 BLOCK DIAGRAM
4
3
2
6
5
1
7
8
VSS
VDD
APPLICATION EXAMPLES:
Typical dimmer light switch circuit schematics are shown in Fig. 5A (LS7534) and
Fig. 5B (LS7535). The brightness of the lamp is set by touching the UP and DOWN
touch plates in Fig. 5A and closure of the UP and DOWN switches in Fig. 5B. The
functions of different components are as follows:
• Z, D1, R1, C2 and C5 produce the 15V DC supply for the chip.
• R2 and C4 filter and current limit the AC signal for the SYNC input.
• C3 is the filter capacitor for the internal PLL.
• C1 and L are RFI filters.
• In Fig. 5A, R3 and R4 set the touch sensitivity of the UP and DOWN inputs.
• In Fig. 5B, R3 limits the current between Vss and the UP and DOWN inputs upon
closure of a switch.
• The resistor and diode connected between the chip output and the triac gate
provides current limiting and isolation for the chip. The resistor is R5 in Fig. 5A
and R4 in Fig. 5B.
• In Fig. 5B, PCB layout may cause triac switching transients to be coupled to the UP
or Down input which can have the effect of having a Long switch closure “lock-up”
at a certain phase angle output. In this case, capacitors C6 and C7 must be added
as shown.
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
7534/35-080796-5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com