Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7560 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7560
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7560 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7560 Datasheet HTML 1Page - LSI Computer Systems LS7560 Datasheet HTML 2Page - LSI Computer Systems LS7560 Datasheet HTML 3Page - LSI Computer Systems LS7560 Datasheet HTML 4Page - LSI Computer Systems LS7560 Datasheet HTML 5Page - LSI Computer Systems LS7560 Datasheet HTML 6Page - LSI Computer Systems LS7560 Datasheet HTML 7Page - LSI Computer Systems LS7560 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Output High State (RL=15k
Ω to Ground)
VOH
VR
-
-
V
Output Low State (RL = 15k
Ω to VR)
VOL
-
-
1.0
V
Output Source or Sink Current
Io
-
-
1.0
mA
Oscillator:
Oscillator Frequency
FOSC
21
24
27
kHz
Percentage Frequency Change per Volt
∆F OSC ∆V
-
0.4
1.0
%/V
(VDD = 10V to 18V)
F
Sawtooth High Voltage
VOSCP
-
3.8
4.5
V
Sawtooth Low Voltage
VOSCV
0.7
1.0
-
V
Capacitor Discharge Current
ID
0.6
1.0
2.5
mA
Logic Inputs:
Input Threshold Voltage
VIH
3.0
2.3
-
V
(Pins 1, 20, 21, 22, 23, 24, 25, 26, 27)
VIL
-
1.8
1.4
V
Brake and Sensor (Pins 23, 24, 25, 26)
High State Input Current (VIN = 4V)
IIH
-36
-27
-20
µA
Low State Input Current (VIL = 0V)
IIL
-50
-40
-30
µA
Sequence Select, Top Driver Polarity
Select, PWM Control, Brake Select,
and F/R Select (Pins 1, 20, 21, 22, 27)
High State Input Current (VIN = 4V)
IIH
-16
-12
-8
µA
Low State Input Current (VIL = 0V)
IIL
-25
-17
-10
µA
ENABLE Input Threshold Voltage (Pin 2)
VIH
2.1
2.8
3.2
V
Hysteresis
VH
0.2
0.3
0.4
V
ENABLE Input Current
IIN
-
-
10
nA
Overcurrent Sense Comparator:
Input Threshold Voltage
VIH
85
100
115
mV
Input Current
IIN
-
-
10
nA
Outputs:
Closed Loop Control Section:
Tachometer Out
Output High Voltage (Isource = 1.5mA)
VOH
VR - 0.8
VR - 0.5
VR-.3
V
Output Low Voltage (ISINK = 5mA)
VOL
0.18
0.27
0.40
V
Pulse Width
TW
95
105
115
µs
Capacitor Discharge Current (RC Terminal)
ID
1.8
3
7.5
mA
Output Drivers (Pins 12, 13, 14, 15, 16, 17)
Sourcing 25mA
VOH
9.5
10.5
11
V
Sourcing 50mA
VOH
8
8.8
9.5
V
Sinking 25mA
VOL
1.0
1.30
2.0
V
Sinking 50mA
VOL
2.75
3.40
4.2
V
Switching Times
TR
30
45
60
ns
(CL = 250pF)
TF
35
50
65
ns
Switching Times
TR
100
150
200
ns
(CL = 1000pF)
TF
130
180
230
ns
FAULT Output Voltage (ISINK = 16mA)
VFO
47
-
-
k
FAULT Off-State Leakage
IF
-
10
-
nA
Under Voltage Lockout:
For VDD
VUV
7.0
8.5
10
V
Hysteresis
VH
0.45
0.65
0.85
V
For VR
VUVR
3.5
4.1
4.8
V
Hysteresis
VH
0.16
0.3
0.4
V
Power Supply Current
VDD = 10V
IDD
-
2.0
2.5
mA
VDD = 12V
IDD
-
3.0
4.0
mA
VDD = 18V
IDD
-
7.0
11.0
mA
7560-040298-3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com