Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7560 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS7560
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7560 Datasheet(HTML) 7 Page - LSI Computer Systems

  LS7560 Datasheet HTML 1Page - LSI Computer Systems LS7560 Datasheet HTML 2Page - LSI Computer Systems LS7560 Datasheet HTML 3Page - LSI Computer Systems LS7560 Datasheet HTML 4Page - LSI Computer Systems LS7560 Datasheet HTML 5Page - LSI Computer Systems LS7560 Datasheet HTML 6Page - LSI Computer Systems LS7560 Datasheet HTML 7Page - LSI Computer Systems LS7560 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
11
14
10
17
15
12
V M
OUT1
OUT3
OUT4
OUT6
V R
FIGURE 7. FOUR PHASE HALFWAVE MOTOR CONTROLLER
19
2
20
23
ENABLE
TOP DRIVER
POLARITY
SELECT
BRAKE
(+)
(-)
OVERCURRENT
SENSE
22
23
5
7
6
8
BRAKE
SELECT
BRAKE
TACH OUT
OUT
V R
V R
(-)
(+)
ERROR
AMP
1M
100K
SPEED
CONTROL
PWM RATE
CONTROL
FIGURE 8. PWM BRAKING
0.1µF
V R
BRAKE
BRAKE
BRAKE
BRAKE
BRAKE
BRAKE
BRAKE
BRAKE
BRAKE
BRAKE
TYPICAL
VALUES
*
*
*
*
R2
R1
C1
FIGURE 7. This four phase half wave motor controller uses the same BRAKE circuit as in Figure 4 and switches
the Top Driver Select from a high to a low as in Figure 6.
FIGURE 8. Using an analog switch (such as the CD4066) PWM braking can be employed when the brake is
applied. At that time, the error amplifier is configured as a voltage follower and its input is switched from the
speed adjustment control to the PWM rate control. By adjusting the PWM rate control, the average motor
current during braking can be controlled.
7560-040198-7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com