Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED790-66-60 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED790-66-60
Description  epoxy lens type Infrared illuminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED790-66-60 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED790-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED790-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bankverbindung: Bank~Austria Creditanstalt AG - Bankleitzahl: 12000 - EURO Kontonummer: 608 547 402 – USD Kontonummer: 570 347 781
EUR Konto IBAN: AT1212 00000 608 547 402 - SWIFT: BKAUATWW
USD Konto IBAN: AT3112 00000 570 347 781 - SWIFT: BKAUATWW
UID: ATU61938489 - FN: 266954 f - Handelsgericht Wien
Lead (Pb) Free Product – RoHS Compliant
LED790-66-60 epoxy lens type Infrared illuminator
LED790-66-60 is a wide viewing and extremely high output power illuminator assembled with a
total of 60 high efficiency AlGaAs diode chips, mounted on a metal stem TO-66 with AlN ceramics
and covered with double coated clear silicone and epoxy resin. These devices are designed for
high current operation with proper heat sinking to improve thermal conductive efficiency.
● Features
● Outer dimension (Unit: mm)
1) High reliability
2) Compact (TO-66) package
3) High output power at 790nm
● Applications
1) For IR search light
2) For CCD lighting
● Specifications
1) Product Name
IR illuminator
2) Type No.
LED790-66-60
3) Chip
• Chip Material
AlGaAs
• Peak Wavelength 790nm
4) Package
• Stem
TO-66 stem with AlN
• Lens
Clear silicone and epoxy lens
● Absolute Maximum Ratings
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
7.8
W
Ta=25°C
Forward Current
IF
750
mA
Ta=25°C
Pulse Forward Current
IFP
3
A
Ta=25°C
Reverse Voltage
VR
50
V
Ta=25°C
Operating Temperature
TOPR
-30 ~ +80
°C
Storage Temperature
TSTG
-30 ~ +110
°C
Soldering Temperature
TSOL
265
°C
► Pulse Forward Current condition: Duty=1% and Pulse Width=1us.
► Soldering condition: Soldering condition must be completed within 3 seconds at 265°C


Similar Part No. - LED790-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED700 ROITHNER-LED700 Datasheet
1Mb / 8P
Infrared LED
LED700-66-60 ROITHNER-LED700-66-60 Datasheet
117Kb / 1P
High Power LED Array
LED710 ROITHNER-LED710 Datasheet
1Mb / 8P
Infrared LED
LED720-66-16100 ROITHNER-LED720-66-16100 Datasheet
88Kb / 1P
SUPER HIGH POWER INFRARED LED
LED720-66-60 ROITHNER-LED720-66-60 Datasheet
238Kb / 3P
High Power LED Array
More results

Similar Description - LED790-66-60

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB520G KODENSHI-KB520G Datasheet
543Kb / 3P
Transparent epoxy lens
logo
Roithner LaserTechnik G...
LED435-66-60 ROITHNER-LED435-66-60 Datasheet
219Kb / 1P
epoxy lens type blue color illuminator
LED910-66-60 ROITHNER-LED910-66-60 Datasheet
259Kb / 1P
epoxy lens type Infrared illuminator
logo
OSRAM GmbH
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
SMD epoxy package with silicone lens
KYHAVPA1.22-VUAV-JPQV OSRAM-KYHAVPA1.22-VUAV-JPQV Datasheet
827Kb / 22P
SMD epoxy package with silicone lens
LBH9GP-GYHY-35-1 OSRAM-LBH9GP-GYHY-35-1 Datasheet
689Kb / 21P
SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
SMD epoxy package with silicone lens
LR-H9GP OSRAM-LR-H9GP Datasheet
620Kb / 21P
SMD epoxy package with silicone lens
LT-H9GP OSRAM-LT-H9GP Datasheet
630Kb / 21P
SMD epoxy package with silicone lens
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
SMD epoxy package with silicone lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com